Electronic Components Datasheet Search
  English  ▼

X  

LM35AH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM35AH
Description  LM35 Precision Centigrade Temperature Sensors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35AH Datasheet(HTML) 3 Page - Texas Instruments

  LM35AH Datasheet HTML 1Page - Texas Instruments LM35AH Datasheet HTML 2Page - Texas Instruments LM35AH Datasheet HTML 3Page - Texas Instruments LM35AH Datasheet HTML 4Page - Texas Instruments LM35AH Datasheet HTML 5Page - Texas Instruments LM35AH Datasheet HTML 6Page - Texas Instruments LM35AH Datasheet HTML 7Page - Texas Instruments LM35AH Datasheet HTML 8Page - Texas Instruments LM35AH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
LM35
www.ti.com
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
MIN
MAX
UNIT
Supply voltage
–0.2
35
V
Output voltage
–1
6
V
Output current
10
mA
Electrostatic discharge (ESD) susceptibility(3)
2500
V
Storage temperature
TO Package
–60
180
TO-92 Package
–60
150
°C
TO-220 Package
–65
150
SOIC-8 Package
–65
150
Lead temperature
TO Package (soldering, 10 seconds)
300
TO-92 and TO-220 Package (soldering, 10 seconds)
260
°C
SOIC Package
Infrared (15 seconds)
220
Vapor phase (60 seconds)
215
Specified operating temperature LM35, LM35A
–55
150
range: TMIN to TMAX
(4)
LM35C, LM35CA
–40
110
°C
LM35D
0
100
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions. See Note 1.
(3)
Human body model, 100 pF discharged through a 1.5-k
Ω resistor.
(4)
Thermal resistance of the TO-46 package is 400°C/W, junction to ambient, and 24°C/W junction to case. Thermal resistance of the TO-
92 package is 180°C/W junction to ambient. Thermal resistance of the small outline molded package is 220°C/W junction to ambient.
Thermal resistance of the TO-220 package is 90°C/W junction to ambient. For additional thermal resistance information see table in the
APPLICATIONS section.
ELECTRICAL CHARACTERISTICS
(1) (2)
LM35A
LM35CA
UNITS
PARAMETER
TEST CONDITIONS
TYP
TESTED
DESIGN
TYP
TESTED
DESIGN
(MAX.)
LIMIT(3)
LIMIT(4)
LIMIT(3)
LIMIT(4)
TA = 25°C
±0.2
±0.5
±0.2
±0.5
TA = –10°C
±0.3
±0.3
±1
Accuracy(5)
°C
TA = TMAX
±0.4
±1
±0.4
±1
TA = TMIN
±0.4
±1
±0.4
±1.5
Nonlinearity(6)
TMIN ≤ TA ≤ TMAX
±0.18
±0.35
±0.15
±0.3
°C
Sensor gain
TMIN ≤ TA ≤ TMAX
+10
+9.9,
+10
+9.9,
mV/°C
(average slope)
+10.1
+10.1
TA = 25°C
±0.4
±1
±0.4
±1
Load regulation(7)
mV/mA
0
≤ IL ≤ 1 mA
TMIN ≤ TA ≤ TMAX
±0.5
±3
±0.5
±3
TA = 25°C
±0.01
±0.05
±0.01
±0.05
Line regulation(7)
mV/V
4 V
≤ VS ≤ 30 V
±0.02
±0.1
±0.02
±0.1
(1)
Unless otherwise noted, these specifications apply:
−55°C ≤ TJ ≤ 150°C for the LM35 and LM35A; −40°C ≤ TJ ≤ 110°C for the LM35C
and LM35CA; and 0°C
≤ TJ ≤ 100°C for the LM35D. VS = 5 Vdc and ILOAD = 50 μA, in the circuit of Figure 2. These specifications also
apply from +2°C to TMAX in the circuit of Figure 1. Specifications in boldface apply over the full rated temperature range.
(2)
Specifications in boldface apply over the full rated temperature range.
(3)
Tested Limits are ensured and 100% tested in production.
(4)
Design Limits are ensured (but not 100% production tested) over the indicated temperature and supply voltage ranges. These limits are
not used to calculate outgoing quality levels.
(5)
Accuracy is defined as the error between the output voltage and 10 mv/°C times the case temperature of the device, at specified
conditions of voltage, current, and temperature (expressed in °C).
(6)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the rated
temperature range of the device.
(7)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com