Electronic Components Datasheet Search
  English  ▼

X  

LM35AH Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM35AH
Description  LM35 Precision Centigrade Temperature Sensors
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35AH Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM35AH Datasheet HTML 10Page - Texas Instruments LM35AH Datasheet HTML 11Page - Texas Instruments LM35AH Datasheet HTML 12Page - Texas Instruments LM35AH Datasheet HTML 13Page - Texas Instruments LM35AH Datasheet HTML 14Page - Texas Instruments LM35AH Datasheet HTML 15Page - Texas Instruments LM35AH Datasheet HTML 16Page - Texas Instruments LM35AH Datasheet HTML 17Page - Texas Instruments LM35AH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
LM35
+
OUT
GND
75
1 2F
3.9 k
+
10 k
100k
+
IN
5 V
SERIAL
DATA OUTPUT
CLOCK
ENABLE
GND
ADC08031
LM385
FB
REF
1.28 V
LM35
9 V
1 k
25.5 k
LM385-
2.5
100 A,
60 mV
FULL-
SCALE
LM35
SNIS159D – AUGUST 1999 – REVISED OCTOBER 2013
www.ti.com
Figure 23. Fahrenheit Thermometer, Expanded Scale Thermometer
(50°F to 80°F, for Example Shown)
Figure 24. Temperature To Digital Converter
(Serial Output)
(128°C Full Scale)
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com