| Electronic Components Datasheet Search |
|
DBB9PNBT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DBB9PNBT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
|
4 / 6 page ![]() Standard D HIGH PERFORMANCE D SUB-MINIATURE A range of D connectors utilising stamped and formed or turned contacts to provide a low cost option for commercial applications. FEATURES Choice of three termination styles – solder bucket, straight p.c. and 90° p.c. Threaded inserts on 90° p.c. versions as standard – accepts a wide range of mounting hardware. Tinned and dimpled shell options – for EMI/RFI shielding. Optional solderable boardlock features for 90° p.c. types – reduces installation time. Designed for demanding industrial applications, McMurdo’s D connectors offer precision turned contacts in two performance levels: Standard D offers a minimum of 500 operations. Budget D has been developed for harsh industrial applications offering 300 operations. FEATURES Standard D meets the most demanding requirements. Precision turned contacts. Available in five shell sizes, providing up to 50 contacts. Solder bucket, straight p.c., 90° p.c. and wire wrapping termination styles – to suit all your applications. Tinned and dimpled shell options – for EMI/RFI shielding. Wide range of accessories – greater user flexibility. All ranges: male No.of contacts 9 15 25 37 50 A 31.19 30.43 39.52 38.76 53.42 52.65 69.70 68.94 67.34 66.55 B 17.04 16.79 25.37 25.12 39.09 38.84 55.55 55.30 52.93 52.68 C 25.12 24.87 33.45 33.20 47.17 46.91 63.63 63.37 61.24 60.99 D 8.48 8.23 8.48 8.23 8.48 8.23 8.48 8.23 11.33 10.95 E 12.93 12.17 12.93 12.17 12.93 12.17 12.93 12.17 15.75 14.99 F 6.12 5.82 6.12 5.82 5.99 5.69 5.99 5.69 5.99 5.69 2.3 min 9.1 9.5 5.3 Ø 0.6 Ø 0.6 2.54 3.3 15 10.2 11.5 SD 12.5 LD 13.5 2.3 min 9.1 9.5 5.3 Ø 0.6 18.3 5.3 0.6 x 0.6 Ø 0.6 5.00 9.4 2.54 2.54 2.54 9.4 Ø 0.6 4.00 r: 1.04 max F r: 1.65 1.02 A B C r: 2.64 D E 10º FRONT FACE Special D COMMERCIAL D SUB-MINIATURE 90º P. C. Straight P. C. Solder Bucket Wire Wrap Straight P. C. Solder Bucket 90º P. C. 90º P. C. (50 contacts) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |