Electronic Components Datasheet Search
  English  ▼

X  

DBB9PNBT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DBB9PNBT
Description  PCB layouts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBB9PNBT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DBB9PNBT Datasheet HTML 1Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 2Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 3Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 4Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 5Page - List of Unclassifed Manufacturers DBB9PNBT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Crimp D
FLEXIBLE AND FAST ASSEMBLY D SUB-MINIATURE
High Density D
INCREASED DENSITY D SUB-MINIATURE
FEATURES
Replaceable contacts – no
connector wastage.
Two contact performance
levels – Budget for
commercial and Standard for
industrial applications.
Accepts wire sizes of 20 to 28
AWG – offers greater
flexibility.
Tinned and dimpled shell
options – for effective
EMI/RFI shielding.
Complete selection of crimp
tooling enables quick
assembly.
Wire strip length 2.4
± 0.2mm.
FEATURES
Tinned and dimpled shell as
standard for enhanced
electrical continuity and
effective EMI/RFI shielding.
Threaded inserts – enable
quick assembly of mounting
hardware to 90° p.c. versions.
Solder bucket, straight p.c.
90° p.c. and crimp
termination styles.
Optional screwlocks and
solderable boardlocks fitted
to 90° p.c. versions.
Compatible with Standard D
range accessories.
All ranges: female
No.of
contacts
9
15
25
37
50
A
31.19
30, 43
39.52
38.76
53.42
52.65
69.70
68.94
67.34
66.55
B
16.46
16.21
24.79
24.54
38.51
38.25
54.97
54.71
52.56
52.30
C
25.12
24.87
33.45
33.20
47.17
46.91
63.63
63.37
61.24
60.99
D
8.03
7.77
8.03
7.77
8.03
7.77
8.03
7.77
10.87
10.62
E
12.93
12.17
12.93
12.17
12.93
12.17
12.93
12.17
15.75
14.99
F
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
Maximum flexibility and
reduced assembly costs
are achieved through full
or partial loading of
selectively plated
stamped and formed
contacts.
Increased contact
density is provided in five
industry standard shell
sizes providing up to 78
contacts. A choice of
four termination styles
including crimp are
available making this
range one of the most
versatile.
ASSEMBLY TOOLS AND HAND TOOLS
r: 1.04 max
F
A
B
C
r: 2.54
D
E
10º
FRONT FACE
11
max
12.5
9.1
2.3
4.3
10.5
9.5 5.3
Ø 0.6
9.0
11.5
14.0
Ø 0.6
3.3
11
max
Crimp
Hand Crimp Tool MP600-D/HD
Insertion/extraction tool MP601-D or MP601-HD
Solder Bucket
Straight P. C.
90º P. C.
Crimp
r: 1.30
0.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com