Electronic Components Datasheet Search
  English  ▼

X  

338RPFS Datasheet(PDF) 11 Page - Maxwell Technologies

Part # 338RPFS
Description  8-CHANNEL MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

338RPFS Datasheet(HTML) 11 Page - Maxwell Technologies

Back Button 338RPFS Datasheet HTML 6Page - Maxwell Technologies 338RPFS Datasheet HTML 7Page - Maxwell Technologies 338RPFS Datasheet HTML 8Page - Maxwell Technologies 338RPFS Datasheet HTML 9Page - Maxwell Technologies 338RPFS Datasheet HTML 10Page - Maxwell Technologies 338RPFS Datasheet HTML 11Page - Maxwell Technologies 338RPFS Datasheet HTML 12Page - Maxwell Technologies 338RPFS Datasheet HTML 13Page - Maxwell Technologies 338RPFS Datasheet HTML 14Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
09.12.02 Rev 3
All data sheets are subject to change without notice
©2002 Maxwell Technologies Inc.
All rights reserved.
8-CHANNEL MULTIPLEXER
338
FIGURE 18.1TRUTH TABLE
1. Logic “0” V
AL ≤ 0.8V, Logic “1” VAH ≥ 2.4V.
A2
A1
A0
EN
ON SWITCH
XXX
0
None
0001
1
0011
2
0101
3
0111
4
1001
5
1011
6
1101
7
1111
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com