Electronic Components Datasheet Search
  English  ▼

X  

338RPFS Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 338RPFS
Description  8-CHANNEL MULTIPLEXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

338RPFS Datasheet(HTML) 2 Page - Maxwell Technologies

  338RPFS Datasheet HTML 1Page - Maxwell Technologies 338RPFS Datasheet HTML 2Page - Maxwell Technologies 338RPFS Datasheet HTML 3Page - Maxwell Technologies 338RPFS Datasheet HTML 4Page - Maxwell Technologies 338RPFS Datasheet HTML 5Page - Maxwell Technologies 338RPFS Datasheet HTML 6Page - Maxwell Technologies 338RPFS Datasheet HTML 7Page - Maxwell Technologies 338RPFS Datasheet HTML 8Page - Maxwell Technologies 338RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
09.12.02 Rev 3
All data sheets are subject to change without notice
©2002 Maxwell Technologies Inc.
All rights reserved.
8-CHANNEL MULTIPLEXER
338
TABLE 1.ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
Voltage Referenced to V-
V+
GND
--
-0.3
-0.3
44
25
V
Digital Inputs, NO, COM
--
V- -2
V+ +2
V
Continuous Current (any terminal)
--
--
30
mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle max)
--
--
100
mA
Operating Temperature Ranges
--
-55
125
oC
Storage Temperature Range
--
-65
150
oC
Lead Temperature (soldering, 10sec)
--
--
300
oC
TABLE 2. 338RP ELECTRICAL CHARACTERISTICS -SINGLE SUPPLY
(V+ = +12V, V- = 0V, V
AH =2.4V, VAL =0.8V, TA =TMIN TO TMAX, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
CONDITIONS
SUBGROUPS
MIN
TYP 1
1. The algebraic convention where the most negative value is a minimum and the most positive value a
maximum is used in this data sheet.
MAX
UNITS
SWITCH
Analog Signal Range
V
NO,VCOM
1,2, 3
0
--
1 2
V
On-Resistance
R
ON
I
NO =0.2mA
V
COM =3Vor10V
T
A =25
oC
--
460
650
DYNAMIC
Transition Time
t
TRANS
V
NO1 =8V
V
NO8 =0V
V
IN =2.4V
T
A =25
oC
9
--
210
500
ns
Enable Turn-On Time
t
ON(EN)
V
INH =2.4V
V
INL =0V
V
NO1 =5V
T
A =25
oC
9
--
280
500
ns
Enable Turn-Off Time
t
OFF(EN)
V
INH =2.4V
V
INL =0V
V
NO1 =5V
T
A =25
oC
9
--
110
500
ns
Charge Injection2
2. Guaranteed by Design
Q
CL = 100pF
V
NO =0V
R
S =0Ohms
TA = 25C
--
1.8
5
pC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com