Electronic Components Datasheet Search
  English  ▼

X  

LM611IM Datasheet(PDF) 18 Page - Texas Instruments

Part # LM611IM
Description  LM611 Operational Amplifier and Adjustable Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM611IM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM611IM Datasheet HTML 14Page - Texas Instruments LM611IM Datasheet HTML 15Page - Texas Instruments LM611IM Datasheet HTML 16Page - Texas Instruments LM611IM Datasheet HTML 17Page - Texas Instruments LM611IM Datasheet HTML 18Page - Texas Instruments LM611IM Datasheet HTML 19Page - Texas Instruments LM611IM Datasheet HTML 20Page - Texas Instruments LM611IM Datasheet HTML 21Page - Texas Instruments LM611IM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LM611
SNOSC08C – MAY 1998 – REVISED MARCH 2013
www.ti.com
OPERATIONAL AMPLIFIER
The amp or the reference may be biased in any way with no effect on the other, except when a substrate diode
conducts (see (1) under Electrical Characteristics). The amp may have inputs outside the common-mode range,
may be operated as a comparator, or have all terminals floating with no effect on the reference (tying inverting
input to output and non-inverting input to V− on unused amp is preferred). Choosing operating points that cause
oscillation, such as driving too large a capacitive load, is best avoided.
Op Amp Output Stage
The op amp, like the LM124 series, has a flexible and relatively wide-swing output stage. There are simple rules
to optimize output swing, reduce cross-over distortion, and optimize capacitive drive capability:
1. Output Swing: Unloaded, the 42
μA pull-down will bring the output within 300 mV of V− over the military
temperature range. If more than 42
μA is required, a resistor from output to V− will help. Swing across any
load may be improved slightly if the load can be tied to V+, at the cost of poorer sinking open-loop voltage
gain.
2. Cross-over Distortion: The LM611 has lower cross-over distortion (a 1 VBE deadband versus 3 VBE for the
LM124), and increased slew rate as shown in the Typical Performance Charactersitics curves. A resistor pull-
up or pull-down will force class-A operation with only the PNP or NPN output transistor conducting,
eliminating cross-over distortion.
3. Capacitive Drive: Limited by the output pole caused by the output resistance driving capacitive loads, a pull-
down resistor conducting 1 mA or more reduces the output stage NPN re until the output resistance is that of
the current limit 25
Ω. 200 pF may then be driven without oscillation.
Op Amp Input Stage
The lateral PNP input transistors, unlike those of most op amps, have BVEBO equal to the absolute maximum
supply voltage. Also, they have no diode clamps to the positive supply nor across the inputs. These features
make the inputs look like high impedances to input sources producing large differential and common-mode
voltages.
Typical Applications
*10k must be low
t.c. trim pot.
Figure 64. Ultra Low Noise 10.00V Reference.
Total Output Noise is Typically 14
μVRMS.
Adjust the 10k pot for 10.000V.
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device beyond its rated operating conditions.
18
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com