Electronic Components Datasheet Search
  English  ▼

X  

LM3915 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3915
Description  LM3915 Dot/Bar Display Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3915 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3915 Datasheet HTML 9Page - Texas Instruments LM3915 Datasheet HTML 10Page - Texas Instruments LM3915 Datasheet HTML 11Page - Texas Instruments LM3915 Datasheet HTML 12Page - Texas Instruments LM3915 Datasheet HTML 13Page - Texas Instruments LM3915 Datasheet HTML 14Page - Texas Instruments LM3915 Datasheet HTML 15Page - Texas Instruments LM3915 Datasheet HTML 16Page - Texas Instruments LM3915 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
LM3915
www.ti.com
SNVS740C – JANUARY 2000 – REVISED MARCH 2013
D1, D2: 1N914 or 1N4148
Figure 19. Precision Full-Wave Average Detector
D1, D2, D3, D4: 1N914 or 1N4148
Figure 20. Precision Full-Wave Peak Detector
CASCADING THE LM3915
To display signals of 60 dB or 90 dB dynamic range, multiple LM3915s can be easily cascaded. Alternatively, it is
possible to cascade an LM3915 with LM3914s for a log/linear display or with an LM3916 to get an extended
range VU meter.
A simple, low cost approach to cascading two LM3915s is to set the reference voltages of the two chips 30 dB
apart as in Figure 21. Potentiometer R1 is used to adjust the full scale voltage of LM3915 #1 to 316 mV
nominally while the second IC's reference is set at 10V by R4. The drawback of this method is that the threshold
of LED #1 is only 14 mV and, since the LM3915 can have an offset voltage as high as 10 mV, large errors can
occur. This technique is not recommended for 60 dB displays requiring good accuracy at the first few display
thresholds.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com