Electronic Components Datasheet Search
  English  ▼

X  

LM3915 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3915
Description  LM3915 Dot/Bar Display Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3915 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3915 Datasheet HTML 15Page - Texas Instruments LM3915 Datasheet HTML 16Page - Texas Instruments LM3915 Datasheet HTML 17Page - Texas Instruments LM3915 Datasheet HTML 18Page - Texas Instruments LM3915 Datasheet HTML 19Page - Texas Instruments LM3915 Datasheet HTML 20Page - Texas Instruments LM3915 Datasheet HTML 21Page - Texas Instruments LM3915 Datasheet HTML 22Page - Texas Instruments LM3915 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
LM3915
www.ti.com
SNVS740C – JANUARY 2000 – REVISED MARCH 2013
LED
Threshold
4
160 mV
5
220 mV
6
320 mV
7
440 mV
8
630 mV
9
890 mV
10
1.25V
*The input to the dot bar switch may be taken from cathodes of other LEDs.
Display will change to bar as soon as the LED so selected begins to light.
**Optional. Shunts 100
μA auxiliary sink current away from LED #1.
Figure 30. Indicator and Alarm, Full-Scale Changes Display from Dot to Bar
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3915



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com