Electronic Components Datasheet Search
  English  ▼

X  

LM4876M Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4876M
Description  LM4876 1.1W Audio Power Amplifier with Logic Low
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4876M Datasheet(HTML) 1 Page - Texas Instruments

  LM4876M Datasheet HTML 1Page - Texas Instruments LM4876M Datasheet HTML 2Page - Texas Instruments LM4876M Datasheet HTML 3Page - Texas Instruments LM4876M Datasheet HTML 4Page - Texas Instruments LM4876M Datasheet HTML 5Page - Texas Instruments LM4876M Datasheet HTML 6Page - Texas Instruments LM4876M Datasheet HTML 7Page - Texas Instruments LM4876M Datasheet HTML 8Page - Texas Instruments LM4876M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4876
www.ti.com
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
LM4876
1.1W Audio Power Amplifier with Logic Low
Shutdown
Check for Samples: LM4876
1
FEATURES
DESCRIPTION
The LM4876 is a single 5V supply bridge-connected
2
•
Does Not Require Output Coupling Capacitors,
audio power amplifier capable of delivering 1.1W (typ)
Bootstrap Capacitors, Or Snubber Circuits
of continuous average power to an 8
Ω load with 0.5%
•
10-pin VSSOP and 8-pin SOIC Packages
THD+N.
•
Unity-Gain Stable
Like other audio amplifiers in the Boomer series, the
•
External Gain Set
LM4876 is designed specifically to provide high
quality output power with a minimal amount of
APPLICATIONS
external components. The LM4876 does not require
output coupling capacitors, bootstrap capacitors, or
•
Mobile Phones
snubber networks. It is perfectly suited for low-power
•
Portable Computers
portable systems.
•
Desktop Computers
The LM4876 features an active low externally
•
Low-Voltage Audio Systems
controlled, micro-power shutdown mode. Additionally,
the LM4876 features an internal thermal shutdown
KEY SPECIFICATIONS
protection mechanism. For PCB space efficiency, the
LM4876 is available in VSSOP and SOIC surface
•
THD+N at 1kHz for 1W Continuous Average
mount packages.
Output Power into 8
Ω 0.5% (max)
The unity-gain stable LM4876's closed loop gain is
•
Output Power At 1kHz Into 8
Ω with 10%
set using external resistors.
THD+N 1.5 W (typ)
•
Shutdown Current 0.01µA (typ)
•
Supply Voltage Range 2.0V to 5.5 V
Typical Application
Figure 1. Typical LM4876 Audio Amplifier Application Circuit
Numbers in ( ) are specific to the 10-pin VSSOP package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4876M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4876M NSC-LM4876M Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Texas Instruments
LM4876M TI-LM4876M Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M-NOPB TI-LM4876M-NOPB Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876M/NOPB TI1-LM4876M/NOPB Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
More results

Similar Description - LM4876M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4861 NSC-LM4861 Datasheet
218Kb / 8P
1.1W Audio Power Amplifier with Shutdown Mode
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
1.1W Audio Power Amplifier with Shutdown Logic Low
LM4876 NSC-LM4876_03 Datasheet
320Kb / 12P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
Texas Instruments
LM4876MM TI-LM4876MM Datasheet
1,011Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low Shutdown
LM4876MX TI-LM4876MX Datasheet
985Kb / 19P
LM4876 1.1W Audio Power Amplifier with Logic Low
logo
Anpec Electronics Corop...
APA0713 ANPEC-APA0713 Datasheet
325Kb / 19P
1.1W Mono Low-Voltage Audio Power Amplifier
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
1.1W Audio Power Amplifier with Logic Low Shutdown
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890_15 Datasheet
361Kb / 12P
1.1W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com