Electronic Components Datasheet Search
  English  ▼

X  

LM4876M Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4876M
Description  LM4876 1.1W Audio Power Amplifier with Logic Low
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4876M Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4876M Datasheet HTML 7Page - Texas Instruments LM4876M Datasheet HTML 8Page - Texas Instruments LM4876M Datasheet HTML 9Page - Texas Instruments LM4876M Datasheet HTML 10Page - Texas Instruments LM4876M Datasheet HTML 11Page - Texas Instruments LM4876M Datasheet HTML 12Page - Texas Instruments LM4876M Datasheet HTML 13Page - Texas Instruments LM4876M Datasheet HTML 14Page - Texas Instruments LM4876M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LM4876
www.ti.com
SNAS054E – FEBRUARY 2000 – REVISED MAY 2013
The design begins by specifying the minimum supply voltage necessary to obtain the specified output power.
One way to find the minimum supply voltage is to use the Output Power vs Supply Voltage curve in the Typical
Performance Characteristics section. Another way, using Equation 8, is to calculate the peak output voltage
necessary to achieve the desired output power for a given load impedance. To account for the amplifier's dropout
voltage, two additional voltages, based on the Dropout Voltage vs Supply Voltage in the Typical Performance
Characteristics curves, must be added to the result obtained by Equation 8. This results in Equation 9.
(8)
VCC ≥ (VOUTPEAK + (VOD
TOP + V
ODBOT))
(9)
The Output Power vs Supply Voltage graph for an 8
Ω load indicates a minimum supply voltage of 4.6V. This is
easily met by the commonly used 5V supply voltage. The additional voltage creates the benefit of headroom,
allowing the LM4876 to produce peak output power in excess of 1W without clipping or other audible distortion.
The choice of supply voltage must also not create a violation of maximum power dissipation as explained above
in the POWER DISSIPATION section.
After satisfying the LM4876's power dissipation requirements, the minimum differential gain is found using
Equation 10.
(10)
Thus, a minimum gain of 2.83 allows the LM4876's to reach full output swing and maintain low noise and THD+N
performance. For this example, let AVD = 3.
The amplifier's overall gain is set using the input (Ri) and feedback (Rf) resistors. With the desired input
impedance set at 20k
Ω, the feedback resistor is found using Equation 11.
Rf/Ri = AVD/2
where
•
The value of Rf is 30kΩ.
(11)
The last step in this design example is setting the amplifier's -3dB low frequency bandwidth. To achieve the
desired ±0.25dB pass band magnitude variation limit, the low frequency response must extend to at least one-
fifth the lower bandwidth limit and the high frequency response must extend to at least five times the upper
bandwidth limit. The results is an
fL = 100 Hz/5 = 20Hz
and an
FH = 20 kHz*5 = 100kHz
As mentioned in the External Components Description section, Ri and Ci create a highpass filter that sets the
amplifier's lower bandpass frequency limit. Find the coupling capacitor's value using Equation 12.
Ci
≥ 1/(2πRifL)
(12)
The result is
1/(2
π*20kΩ*20Hz) = 0.398µF.
Use a 0.39µF capacitor, the closest standard value.
The product of the desired high frequency cutoff (100kHz in this example) and the differential gain, AVD,
determines the upper passband response limit. With AVD = 3 and fH = 100kHz, the closed-loop gain bandwidth
product (GBWP) is 150kHz. This is less than the LM4876's 4MHz GBWP. With this margin, the amplifier can be
used in designs that require more differential gain and avoid performance-restricting bandwidth limitations.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4876



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com