Electronic Components Datasheet Search
  English  ▼

X  

LM5575 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5575
Description  LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5575 Datasheet(HTML) 1 Page - Texas Instruments

  LM5575 Datasheet HTML 1Page - Texas Instruments LM5575 Datasheet HTML 2Page - Texas Instruments LM5575 Datasheet HTML 3Page - Texas Instruments LM5575 Datasheet HTML 4Page - Texas Instruments LM5575 Datasheet HTML 5Page - Texas Instruments LM5575 Datasheet HTML 6Page - Texas Instruments LM5575 Datasheet HTML 7Page - Texas Instruments LM5575 Datasheet HTML 8Page - Texas Instruments LM5575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5575
VIN
VOUT
SYNC
SD
LM5575
www.ti.com
SNVS471G – JANUARY 2007 – REVISED APRIL 2013
LM5575/LM5575Q SIMPLE SWITCHER® 75V, 1.5A Step-Down Switching Regulator
Check for Samples: LM5575
1
FEATURES
DESCRIPTION
The LM5575 is an easy to use SIMPLE SWITCHER®
23
•
LM5575Q is an Automotive Grade Product that
buck regulator which allows design engineers to
is AEC-Q100 Grade 1 Qualified (
−40°C to +
design and optimize a robust power supply using a
125°C Operating Junction Temperature)
minimum set of components. Operating with an input
•
Integrated 75V, 330m
Ω N-channel MOSFET
voltage range of 6 - 75V, the LM5575 delivers 1.5A of
continuous output current with an integrated 330m
Ω
•
Ultra-wide Input Voltage Range from 6V to 75V
N-Channel
MOSFET.
The
regulator
utilizes
an
•
Adjustable Output Voltage as Low as 1.225V
Emulated Current Mode architecture which provides
•
1.5% Feedback Reference Accuracy
inherent line regulation, tight load transient response,
•
Operating Frequency Adjustable Between
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
50kHz and 500kHz with Single Resistor
mode
regulators.
The
operating
frequency
is
•
Master or Slave Frequency Synchronization
adjustable
from
50kHz
to
500kHz
to
allow
•
Adjustable Soft-Start
optimization of size and efficiency. To reduce EMI, a
•
Emulated Current Mode Control Architecture
frequency synchronization pin allows multiple IC’s
from the LM(2)557x family to self-synchronize or to
•
Wide Bandwidth Error Amplifier
synchronize to an external clock. The LM5575
•
Built-in Protection
ensures robustness with cycle-by-cycle current limit,
•
Automotive Grade Product Datasheet that is
short-circuit
protection,
thermal
shut-down,
and
remote shut-down. The device is available in a power
AEC-Q100 Grade 0 Qualified is Available Upon
enhanced
HTSSOP-16
package
featuring
an
Request.
exposed die attach pad for thermal dissipation. The
–
(
−40°C to + 150°C Operating Junction
LM5575 is supported by the full suite of WEBENCH®
Temperature)
On-Line design tools.
APPLICATIONS
PACKAGE
•
Automotive
•
HTSSOP-16EP (Exposed Pad)
•
Industrial
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5575

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI-LM5575 Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM5575

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5575QMHX TI-LM5575QMHX Datasheet
952Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_17 Datasheet
1Mb / 30P
SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com