Electronic Components Datasheet Search
  English  ▼

X  

LM5575 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5575
Description  LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5575 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5575 Datasheet HTML 15Page - Texas Instruments LM5575 Datasheet HTML 16Page - Texas Instruments LM5575 Datasheet HTML 17Page - Texas Instruments LM5575 Datasheet HTML 18Page - Texas Instruments LM5575 Datasheet HTML 19Page - Texas Instruments LM5575 Datasheet HTML 20Page - Texas Instruments LM5575 Datasheet HTML 21Page - Texas Instruments LM5575 Datasheet HTML 22Page - Texas Instruments LM5575 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LM5575
www.ti.com
SNVS471G – JANUARY 2007 – REVISED APRIL 2013
PCB LAYOUT AND THERMAL CONSIDERATIONS
The circuit in Figure 9 serves as both a block diagram of the LM5575 and a typical application board schematic
for the LM5575. In a buck regulator there are two loops where currents are switched very fast. The first loop
starts from the input capacitors, to the regulator VIN pin, to the regulator SW pin, to the inductor then out to the
load. The second loop starts from the output capacitor ground, to the regulator PGND pins, to the regulator IS
pins, to the diode anode, to the inductor and then out to the load. Minimizing the loop area of these two loops
reduces the stray inductance and minimizes noise and possible erratic operation. A ground plane in the PC
board is recommended as a means to connect the input filter capacitors to the output filter capacitors and the
PGND pins of the regulator. Connect all of the low power ground connections (CSS, RT, CRAMP) directly to the
regulator AGND pin. Connect the AGND and PGND pins together through the topside copper area covering the
entire underside of the device. Place several vias in this underside copper area to the ground plane.
The two highest power dissipating components are the re-circulating diode and the LM5575 regulator IC. The
easiest method to determine the power dissipated within the LM5575 is to measure the total conversion losses
(Pin – Pout) then subtract the power losses in the Schottky diode, output inductor and snubber resistor. An
approximation for the Schottky diode loss is P = (1-D) x Iout x Vfwd. An approximation for the output inductor
power is P = IOUT
2 x R x 1.1, where R is the DC resistance of the inductor and the 1.1 factor is an approximation
for the AC losses. If a snubber is used, an approximation for the damping resistor power dissipation is P = Vin2 x
Fsw x Csnub, where Fsw is the switching frequency and Csnub is the snubber capacitor. The regulator has an
exposed thermal pad to aid power dissipation. Adding several vias under the device to the ground plane will
greatly reduce the regulator junction temperature. Selecting a diode with an exposed pad will aid the power
dissipation of the diode.
The most significant variables that affect the power dissipated by the LM5575 are the output current, input
voltage and operating frequency. The power dissipated while operating near the maximum output current and
maximum input volatge can be appreciable. The operating frequency of the LM5575 evaluation board has been
designed for 300kHz. When operating at 1.5A output current with a 70V input the power dissipation of the
LM5575 regulator is approximately 1.25W.
The junction-to-ambient thermal resistance of the LM5575 will vary with the application. The most significant
variables are the area of copper in the PC board, the number of vias under the IC exposed pad and the amount
of forced air cooling provided. Referring to the evaluation board artwork, the area under the LM5575 (component
side) is covered with copper and there are 5 connection vias to the solder side ground plane. Additional vias
under the IC will have diminishing value as more vias are added. The integrity of the solder connection from the
IC exposed pad to the PC board is critical. Excessive voids will greatly diminish the thermal dissipation capacity.
The junction-to-ambient thermal resistance of the LM5575 mounted in the evaluation board varies from 50°C/W
with no airflow to 28°C/W with 900 LFM (Linear Feet per Minute). With a 25°C ambient temperature and no
airflow, the predicted junction temperature for the LM5575 will be 25 + (50 x 1.25) = 88°C. If the evaluation board
is operated at 1.5A output current, 70V input voltage and high ambient temperature for a prolonged period of
time the thermal shutdown protection within the IC may activate. The IC will turn off allowing the junction to cool,
followed by restart with the soft-start capacitor reset to zero.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com