Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM6172 Datasheet HTML 15Page - Texas Instruments LM6172 Datasheet HTML 16Page - Texas Instruments LM6172 Datasheet HTML 17Page - Texas Instruments LM6172 Datasheet HTML 18Page - Texas Instruments LM6172 Datasheet HTML 19Page - Texas Instruments LM6172 Datasheet HTML 20Page - Texas Instruments LM6172 Datasheet HTML 21Page - Texas Instruments LM6172 Datasheet HTML 22Page - Texas Instruments LM6172 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
Where
•
PD is the power dissipation in a device
•
TJ(max) is the maximum junction temperature
•
TA is the ambient temperature
•
θJA is the thermal resistance of a particular package
For example, for the LM6172 in a SOIC-8 package, the maximum power dissipation at 25°C ambient
temperature is 780mW.
Thermal resistance,
θJA, depends on parameters such as die size, package size and package material. The
smaller the die size and package, the higher
θJA becomes. The 8-pin DIP package has a lower thermal
resistance (95°C/W) than that of 8-pin SO (160°C/W). Therefore, for higher dissipation capability, use an 8-
pin DIP package.
The total power dissipated in a device can be calculated as: PD = PQ + PL
(2)
PQ is the quiescent power dissipated in a device with no load connected at the output. PL is the power dissipated
in the device with a load connected at the output; it is not the power dissipated by the load.
Furthermore,
PQ = supply current x total supply voltage with no load
PL = output current x (voltage difference between supply voltage and output voltage of the same supply)
For example, the total power dissipated by the LM6172 with VS = ±15V and both channels swinging output
voltage of 10V into 1k
Ω is
PD = PQ + PL
=
2[(2.3mA)(30V)] + 2[(10mA)(15V
− 10V)]
=
138mW + 100mW
=
238mW
Application Circuits
Figure 50. I-to-V Converters
Figure 51. Differential Line Driver
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com