Electronic Components Datasheet Search
  English  ▼

X  

LM6172 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172 Datasheet(HTML) 3 Page - Texas Instruments

  LM6172 Datasheet HTML 1Page - Texas Instruments LM6172 Datasheet HTML 2Page - Texas Instruments LM6172 Datasheet HTML 3Page - Texas Instruments LM6172 Datasheet HTML 4Page - Texas Instruments LM6172 Datasheet HTML 5Page - Texas Instruments LM6172 Datasheet HTML 6Page - Texas Instruments LM6172 Datasheet HTML 7Page - Texas Instruments LM6172 Datasheet HTML 8Page - Texas Instruments LM6172 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
±15V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C,V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6172I
Units
(1)
Limit
(2)
CMRR
Common Mode Rejection Ratio
VCM = ±10V
110
70
dB
65
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
95
75
dB
70
min
VCM
Input Common Mode Voltage Range
CMRR
≥ 60dB
±13.5
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
86
80
dB
75
min
RL = 100Ω
78
65
dB
60
min
VO
Output Swing
RL = 1kΩ
13.2
12.5
V
12
min
−13.1
−12.5
V
−12
max
RL = 100Ω
9
6
V
5
min
−8.5
−6
V
−5
max
Continuous Output Current
Sourcing, RL = 100Ω
90
60
mA
50
min
(Open Loop)(4)
Sinking, RL = 100Ω
−85
−60
mA
−50
max
ISC
Sourcing
107
mA
Current Output Short Circuit
Sinking
−105
mA
IS
Supply Current
Both Amplifiers
4.6
8
mA
9
max
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com