Electronic Components Datasheet Search
  English  ▼

X  

DAC349 Datasheet(PDF) 1 Page - API Technologies Corp

Part # DAC349
Description  Low Power, 12-Bit CMOS DACs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC349 Datasheet(HTML) 1 Page - API Technologies Corp

  DAC349 Datasheet HTML 1Page - API Technologies Corp DAC349 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Power, 12-Bit CMO S D ACs
D AC349
D ata Converter Line
FEATURES
• 12-bits binary or 3-decades BDC
• Low power: 300mW
• Commercial, industrial and M IL-STD-883 models
• 5 pin selectable output ranges
DESCRIP TION
The DA C349 Series are versatile, low power 12-bit D/A
converters that are intended for fixed reference
applications. These units combine a novel CM OS
switching technique with a precision, ultra-stable
thin-film ladder to achieve accurate conversion with
low power drain; improved reliability and near-
instantaneous warmup are major advantages of
reduced power consumption. A ll models include an
internal precision reference and a gain-selectable
output amplifier.
The DA C349 Series offers a choice of either 12-bit
binary coding (-12 models) or 3 decade BCD coding
(-3D models).
By external pin jumpering, the binary models can be
connected for unipolar output ranges of 0 to
–5V or 0 to –10V and for offset binary coded bipolar
outputs of ±2.5V , ±5V and ±10V . For ratiometric
applications, the units operate from an external fixed
DC reference of –10V ± 10% .
Both binary and BCD models are available in
commercial/industrial and M IL-STD-883 Rev. C, Level B
versions. The DA C349B is specified over a
temperature range of –55ºC to +125ºC. Both versions
operate –55ºCto +125ºC.
FUNCTIONAL DIAGRAM
GND
12
GND
11
+15V
10
– 15V
10
BIPOLA R
OFFSET
10
20V
RA NGE
4
10V
RA NGE
3
SUM M ING
JUNCTION
3
* FOR BCD (-3D M ODELs),
R1 + R2 = 80k
GA IN A DJ
REF OUT
JUM PER
REF IN
6
8
7
13
12
14
11
15
10
16
9
17
8
18
19
20 21
22 23
24
7
6
5
4
3
2
1
1
2
4
8
10
20 40
80 100 200 400 800
BINA RY
BIT
BCD
(- 12 M ODELS)
(- 3D M ODELS)
(M SB)
(LSB)
- 10V DC
REF
PRECISION RESISTOR LA DDER
A ND SW ITCHES
R1
50k
R2
50k
100k
–
+
OUTPUT
1
165Cedar Hill Street,Marlborough,MA01752 Tel:508.485.6350 Fax: 508.485.5168
www.SpectrumMicrowave.com


Similar Part No. - DAC349

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
DAC347 APITECH-DAC347 Datasheet
1Mb / 2P
Low Power, Wide Temperature Range DACs
DAC347LPB-12-U APITECH-DAC347LPB-12-U Datasheet
1Mb / 2P
Low Power, Wide Temperature Range DACs
DAC347LPC-10-B APITECH-DAC347LPC-10-B Datasheet
1Mb / 2P
Low Power, Wide Temperature Range DACs
DAC347LPC-10-G APITECH-DAC347LPC-10-G Datasheet
1Mb / 2P
Low Power, Wide Temperature Range DACs
DAC347LPC-10-U APITECH-DAC347LPC-10-U Datasheet
1Mb / 2P
Low Power, Wide Temperature Range DACs
More results

Similar Description - DAC349

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MX7545A MAXIM-MX7545A Datasheet
516Kb / 12P
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX7645 MAXIM-MAX7645 Datasheet
519Kb / 12P
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com