Electronic Components Datasheet Search
  English  ▼

X  

DAC349 Datasheet(PDF) 2 Page - API Technologies Corp

Part # DAC349
Description  Low Power, 12-Bit CMOS DACs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

DAC349 Datasheet(HTML) 2 Page - API Technologies Corp

  DAC349 Datasheet HTML 1Page - API Technologies Corp DAC349 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.165
(4.191)
M A X
0.600
(15.24)
0.010
(0.254)
0.100
(0.25)
1.310
(33.274)
M A X
0.025
(0.635)
0.205
(5.207)
0.800
(20.320)
M A X
0.018
(0.451)
PIN (1)
INDEX
TOP
V IEW
inch
(mm)
TY PICA L
DIM ENSIONS
24
1
13
12
Pin 1 is marked by the dot on the top of the package
Consult factory for application information.
SPECIFICATIO N S
(Typical @+25ºC and nominal power supplies unless otherwise noted)
SERIES
DA C349
TY PE
Fixed Reference, V oltage Output
DIGITA L INPUT
Resolution
12 Bits Binary (-12) or
3 Decades BCD (-3D)
Unipolar Coding
Binary or BCD
Bipolar Coding
Offset Binary
Logic Levels
Binary
V IH=2.4V min,
V IL=0.8V max,
BCD
V IH=3.5V min,
V IL=1.5V max,
Input Current
±1µA max
A NA LOG OUTPUT
V oltage Range
0 to –5V , 0 to –10
±2.5V . ±5V , ±10V
Current Compliance
±5mA (min)
Impedance
0.1
Scale Factor1
±0.1% of F.S.R. (max)
Unipolar Offset1
±0.2% of F.S.R. (max)
Bipolar Offset1
±0.1% of F.S.R. (max)
REFERENCE
Internal2
-10V DC
External (D.C. only)
-10V DC ±10% @1mA
STA TIC PERFORM A NCE
Linearity
±1/2 LSB (max)
Differential Linearity
±1 LSB (max)
DY NA M IC PERFORM A NCE
Settling Time
15µS (max)
Slew Rate
1V /µs
STA BILITY
A ccuracy vs Temp.3
30ppm/ºC (max)
Linearity vs Temp.
5ppm/ºC (max)
Differential
Linearity vs Temp.
2ppm/ºC (max)
POW ER SUPPLY
V oltage @ Current
+15V @ 5mA (nom): 10mA (max)
+13V to +18V ;
–15V @ 15mA (nom): 20mA (max)
–13V to –18V ;
Rejection Ratio
0.005% /%
Power Consumption
375mW (max)
TEM PERA TURE RA NGE
Specified
DA C349C
–25ºC to +85ºC
DA C349B
–55ºC to +125ºC
Operating, A ll models
–55ºC to +125ºC
Storage, A ll models
–65ºC to +150ºC
M ECHA NICA L
Case Style
Ceramic
NOTES:
1. Offset and gain are externally adjustable. See A PPLICA TIONS
INFORM A TION.
2. For specified overall performance, external loading of the
reference output (Pin 8) must not exceed 1.0 mA .
3. Total effect of linearity, offset and gain tempco's on the transfer
characteristics of the unit.
4. In case of discrepancy between package shown in photograph
and package outline dimension, the mechanical outline is correct.
Specifications subject to change without notice.
PIN
FUNCTION
PIN
FUNCTION
NO.
NO.
BINA RY
BCD
1
OUTPUT
24
BIT 1 (M SB)
800
2
SUM M ING JCT
23
BIT 2
400
3
10V RA NGE
22
BIT 3
200
4
20 V OLT RA NGE
21
BIT 4
100
5
BIPOLA R OFFSET
20
BIT 5
80
6
GA IN A DJ
19
BIT 6
40
7
REF IN
18
BIT 7
20
8
REF OUT
17
BIT 8
10
9
– 15
16
BIT 9
8
10
+15V
15
BIT 10
4
11
GND
14
BIT 11
2
12
GND
13
BIT 1 (LSB)
1
ORDERING INFORM A TION
M ODEL
DESCRIPTION
DA C349C-12
Comm. 12-Bit, –25º C to +85º C
DA C349C-3D
Comm, 3-Decade, –25ºC to +85ºC
DA C349B-12
M lL,12-Bit, –55ºC to +125ºC
DA C349B-3D
M IL,3-Decade, –55ºC to +125ºC
CA UTION: ESD (Electro-Static Discharge) sensitive device.
Permanent damage may occur when unconnected devices are
subjected to high energy electrostatic fields. Unless otherwise
noted, the voltage at any digital input should never exceed the
supply voltage by more than 0.5 volts or go below –0.5 volts.
DAC349



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com