Electronic Components Datasheet Search
  English  ▼

X  

3683 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3683
Description  Precision Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3683 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3683 Datasheet HTML 1Page - Bourns Electronic Solutions 3683 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3680
7.77 ± .38
(.306 ± .015)
1
2
3
2
3
1
a
c
d
b
PANEL
e
8.38 ± .38
(.33 ± .015)
1
3
INCR.
2 WIPER
7.87
(.31)
20.57
(.810)
23.62
(.93)
3.18
(.125)
MIN.
.81
(.032)
MAX.
3.18
(.125)
26.67
(1.050)
TOLERANCES: EXCEPT WHERE NOTED
.38
.13
DECIMALS: .XX ±
(.015)
.XXX ±
(.005)
FRACTIONS: ±1/64
MM
DIMENSIONS:
(IN.)
Features
■ Repeatable settings
■ Resolution to 0.001 %
■ Digital display provides excellent readability
■ Snap-in panel mount
■ RoHS compliant*
3680 Family - Precision Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance
in their specific applications.
Electrical Characteristics1
Standard Resistance Range.........................................................................................10 ohms to 1 megohm
Total Resistance Tolerance.......................................................................................................................±3 %
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level .................................................................................................................... 1,000 VAC minimum
Power Rating (Voltage Limited By Power Dissipation or 500 VAC, Whichever is Less)
+25 °C ............................................................................................................................................. 2 watts
+85 °C ................................................................................................................................................ 0 watt
Insulation Resistance (500 VDC) ........................................................................... 1,000 megohms minimum
Resolution
3681 .....................................................................................................................................................10 %
3682 .......................................................................................................................................................1 %
3683 ....................................................................................................................................................0.1 %
3684 ..................................................................................................................................................0.01 %
3685 ................................................................................................................................................0.001 %
Absolute Minimum Resistance .......................................... 3 ohms or 0.2 % maximum (whichever is greater)
Accuracy (Dial Reading to Output Ratio)................................................................................±1.0 % full scale
Environmental Characteristics1
Operating Temperature Range .............................................................................................. -25 °C to +85 °C
Storage Temperature Range ................................................................................................. -25 °C to +85 °C
Temperature Coefficient Over Storage Temperature Range ...................................... ±100 ppm/°C maximum
Vibration ................................................................................................................................................... 10 G
Wiper Bounce...................................................................................................... 0.1 millisecond maximum
Total Resistance Shift.......................................................................................................... ±1 % maximum
Voltage Ratio Shift............................................................................................................ ±0.2 % maximum
Shock........................................................................................................................................................ 50 G
Wiper Bounce...................................................................................................... 0.1 millisecond maximum
Total Resistance Shift.......................................................................................................... ±1 % maximum
Voltage Ratio Shift............................................................................................................ ±0.2 % maximum
Load Life.......................................................................................................................... 1,000 hours, 2 watts
Total Resistance Shift.......................................................................................................... ±2 % maximum
Rotational Life..................................................................................... 75,000 button operations each decade
Total Resistance Shift.......................................................................................................... ±2 % maximum
IP Rating.................................................................................................................................................. IP 40
Mechanical Characteristics1
Weight .............................................3681 (9 gm); 3682 (16 gm); 3683 (23 gm); 3684 (30 gm); 3685 (37 gm)
Terminals ............................................................................ 2.79 mm (0.11 in.) wide x .41 mm (.016 in.) thick,
tinned solder lugs for 3 #20 AWG wires
Soldering Condition
Manual Soldering...................................................................... 96.5Sn/3.0Ag/0.5Cu solid wire or no-clean
rosin cored wire; 370 °C (700 °F) max. for 3 seconds
Wave Soldering ................................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 °C (500 °F) max.
for 5 seconds
Wash processes ............................................................................................................. Not recommended
Marking...........................................Manufacturer’s name and part number, resistance value and date code.
Ganging (Multiple Section Potentiometers) ........................................................... Up to 5 decades maximum
Readout Marking ................................................................................................................... 10 positions, 0-9
Actuating Force .............................................................................................. 19 to 29 oz. on detent decades
Actuating Force Variation ........................................................................................................ 4 oz. maximum
1 At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
NOTE: Terminals 1 & 3 are reversed from illustration for models 3682 and 3684.
Product Dimensions
Product Dimensions
Dimensions
Weight (Approx.)
Model
a
b
c
d
e ±.381 (±.015)
oz.
gms.
3681
16.51 (.650)
14.99 (.590)
—
9.91 (.39)
4.19 (.165)
.336
9.5
3682
26.67 (1.05)
25.15 (.99)
10.67 (.42)
11.94 (.47)
8.38 (.330)
.576
16.5
3683
37.08 (1.46)
35.31 (1.39)
18.54 (.73)
11.94 (.47)
4.19 (.165)
.824
23.5
3684
47.50 (1.87)
45.47 (1.79)
30.73 (1.21)
11.94 (.47)
8.38 (.330)
1.072
30.5
3685
57.66 (2.270)
55.63 (2.190)
39.12 (1.540)
11.94 (.47)
4.19 (.165)
1.320
37.5
Dimensions
Model
f ±.010 (±.254)
g ±.010 (±.254)
3681
21.08 (.830)
15.75 (.620)
3682
21.08 (.830)
25.91 (1.020)
3683
21.08 (.830)
36.07 (1.420)
3684
21.08 (.830)
46.23 (1.820)
3685
21.08 (.830)
56.39 (2.220)
RECOMMENDED
PANEL CUTOUT
f
g
.76
(.03)
R MAX.


Similar Part No. - 3683

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3683 BOURNS-3683 Datasheet
172Kb / 2P
Precision Potentiometer
logo
Lumberg
3683 LUMBERG-3683 Datasheet
117Kb / 2P
RAST-5-Steckverbinder, Raster 5,0 mm
logo
Bourns Electronic Solut...
3683 BOURNS-3683 Datasheet
178Kb / 2P
3680 Family - Precision Potentiometer
logo
Lumberg
3683 LUMBERG-3683 Datasheet
508Kb / 5P
RAST 5 connectors, pitch 5.0 mm
logo
Heyco.
3683 HEYCO-3683 Datasheet
108Kb / 1P
Nylon PCB Supports - Stackable Self-Retaining Spacers
More results

Similar Description - 3683

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
6539 BOURNS-6539_13 Datasheet
223Kb / 2P
Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
Precision Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com