Electronic Components Datasheet Search
  English  ▼

X  

3683 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3683
Description  Precision Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3683 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3683 Datasheet HTML 1Page - Bourns Electronic Solutions 3683 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3680 Family - Precision Potentiometer
Recommended Part Numbers
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
REV. 09/13
Resistance
3681S-1
3682S-1
3683S-1
3684S-1
3685S-1
(
Ω)
1
2
3
4
5
Decade
Decade
Decade
Decade
Decade
50
-500L
100
-101L
200
-201L
500
-501L
-501L
1,000
-102L
-102L
-102L
2,000
-202L
-202L
-202L
5,000
-502L
-502L
-502L
10 K
-103L
-103L
-103L
-103L
20 K
-203L
-203L
-203L
50 K
-503L
-503L
-503L
100 K
-104L
-104L
-104L
-104L
-104L
500 K
-504L
-504L
-504L
1 Meg
-105L
-105L
-105L
-105L
BOLDFACE LISTINGS ARE IN STOCK AND READILY
AVAILABLE THROUGH DISTRIBUTION.
FOR OTHER OPTIONS CONSULT FACTORY.
ROHS IDENTIFIER:
L = COMPLIANT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com