Electronic Components Datasheet Search
  English  ▼

X  

LMC660CM Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CM
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CM Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC660CM Datasheet HTML 3Page - Texas Instruments LMC660CM Datasheet HTML 4Page - Texas Instruments LMC660CM Datasheet HTML 5Page - Texas Instruments LMC660CM Datasheet HTML 6Page - Texas Instruments LMC660CM Datasheet HTML 7Page - Texas Instruments LMC660CM Datasheet HTML 8Page - Texas Instruments LMC660CM Datasheet HTML 9Page - Texas Instruments LMC660CM Datasheet HTML 10Page - Texas Instruments LMC660CM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LMC660
www.ti.com
SNOSBZ3D – APRIL 1998 – REVISED MARCH 2013
APPLICATION INFORMATION
AMPLIFIER TOPOLOGY
The topology chosen for the LMC660, shown in Figure 15, is unconventional (compared to general-purpose op
amps) in that the traditional unity-gain buffer output stage is not used; instead, the output is taken directly from
the output of the integrator, to allow rail-to-rail output swing. Since the buffer traditionally delivers the power to
the load, while maintaining high op amp gain and stability, and must withstand shorts to either rail, these tasks
now fall to the integrator.
As a result of these demands, the integrator is a compound affair with an embedded gain stage that is doubly fed
forward (via Cf and Cff) by a dedicated unity-gain compensation driver. In addition, the output portion of the
integrator is a push-pull configuration for delivering heavy loads. While sinking current the whole amplifier path
consists of three gain stages with one stage fed forward, whereas while sourcing the path contains four gain
stages with two fed forward.
Figure 15. LMC660 Circuit Topology (Each Amplifier)
The large signal voltage gain while sourcing is comparable to traditional bipolar op amps, even with a 600
Ω load.
The gain while sinking is higher than most CMOS op amps, due to the additional gain stage; however, under
heavy load (600
Ω) the gain will be reduced as indicated in DC Electrical Characteristics. Avoid resistive loads of
less than 500
Ω, as they may cause instability.
COMPENSATING INPUT CAPACITANCE
The high input resistance of the LMC660 op amps allows the use of large feedback and source resistor values
without losing gain accuracy due to loading. However, the circuit will be especially sensitive to its layout when
these large-value resistors are used.
Every amplifier has some capacitance between each input and AC ground, and also some differential
capacitance between the inputs. When the feedback network around an amplifier is resistive, this input
capacitance (along with any additional capacitance due to circuit board traces, the socket, etc.) and the feedback
resistors create a pole in the feedback path. In the following General Operational Amplifier circuit, Figure 16 the
frequency of this pole is:
(1)
where CS is the total capacitance at the inverting input, including amplifier input capacitance and any stray
capacitance from the IC socket (if one is used), circuit board traces, etc., and RP is the parallel combination of RF
and RIN. This formula, as well as all formulae derived below, apply to inverting and non-inverting op amp
configurations.
When the feedback resistors are smaller than a few k
Ω, the frequency of the feedback pole will be quite high,
since CS is generally less than 10 pF. If the frequency of the feedback pole is much higher than the “ideal”
closed-loop bandwidth (the nominal closed-loop bandwidth in the absence of CS), the pole will have a negligible
effect on stability, as it will add only a small amount of phase shift.
However, if the feedback pole is less than approximately 6 to 10 times the “ideal”
−3 dB frequency, a feedback
capacitor, CF, should be connected between the output and the inverting input of the op amp. This condition can
also be stated in terms of the amplifier's low-frequency noise gain: To maintain stability a feedback capacitor will
probably be needed if:
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC660



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com