Electronic Components Datasheet Search
  English  ▼

X  

LMC660CM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMC660CM
Description  LMC660 CMOS Quad Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC660CM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMC660CM Datasheet HTML 12Page - Texas Instruments LMC660CM Datasheet HTML 13Page - Texas Instruments LMC660CM Datasheet HTML 14Page - Texas Instruments LMC660CM Datasheet HTML 15Page - Texas Instruments LMC660CM Datasheet HTML 16Page - Texas Instruments LMC660CM Datasheet HTML 17Page - Texas Instruments LMC660CM Datasheet HTML 18Page - Texas Instruments LMC660CM Datasheet HTML 19Page - Texas Instruments LMC660CM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Nov-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LMC660AIM
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
-40 to 85
LMC660AIM
LMC660AIM/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LMC660AIM
LMC660AIMX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
-40 to 85
LMC660AIM
LMC660AIMX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
-40 to 85
LMC660AIM
LMC660AIN
NRND
PDIP
NFF
14
25
TBD
Call TI
Call TI
-40 to 85
LMC660AIN
LMC660AIN/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
-40 to 85
LMC660AIN
LMC660CM
NRND
SOIC
D
14
55
TBD
Call TI
Call TI
0 to 70
LMC660CM
LMC660CM/NOPB
ACTIVE
SOIC
D
14
55
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LMC660CM
LMC660CMX
NRND
SOIC
D
14
2500
TBD
Call TI
Call TI
0 to 70
LMC660CM
LMC660CMX/NOPB
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-260C-UNLIM
0 to 70
LMC660CM
LMC660CN
NRND
PDIP
NFF
14
25
TBD
Call TI
Call TI
0 to 70
LMC660CN
LMC660CN/NOPB
ACTIVE
PDIP
NFF
14
25
Green (RoHS
& no Sb/Br)
SN | CU SN
Level-1-NA-UNLIM
0 to 70
LMC660CN
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com