Electronic Components Datasheet Search
  English  ▼

X  

LMV772MA Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV772MA
Description  LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV772MA Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV772MA Datasheet HTML 3Page - Texas Instruments LMV772MA Datasheet HTML 4Page - Texas Instruments LMV772MA Datasheet HTML 5Page - Texas Instruments LMV772MA Datasheet HTML 6Page - Texas Instruments LMV772MA Datasheet HTML 7Page - Texas Instruments LMV772MA Datasheet HTML 8Page - Texas Instruments LMV772MA Datasheet HTML 9Page - Texas Instruments LMV772MA Datasheet HTML 10Page - Texas Instruments LMV772MA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
V
+
VOUT
+IN
GND
-IN
5
4
1
2
3
+
-
LMV771, LMV772, LMV774
www.ti.com
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
5.0V AC Electrical Characteristics
(1)
Unless otherwise specified, all limits are guaranteed for TA = 25°C. V
+ = 5.0V, V − = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
SR
Slew Rate (4)
AV = +1, RL = 10 kΩ
1.4
V/µs
GBW
Gain-Bandwidth Product
3.5
MHz
Φm
Phase Margin
79
Deg
Gm
Gain Margin
−15
dB
Input-Referred Voltage Noise
en
f = 10kHz
6.5
nV/
√Hz
(Flatband)
en
Input-Referred Voltage Noise (l/f)
f = 100Hz
12
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
0.001
pA/
√Hz
f = 1kHz, AV = +1
THD
Total Harmonic Distortion
0.007
%
RL = 600Ω, VIN = 1 VPP
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
The number specified is the slower of positive and negative slew rates.
Connection Diagrams
Figure 2. SC70-5
Figure 3. 8-Pin MSOP/SOIC
Figure 4. 14-Pin TSSOP
(Top View)
(Top View)
(Top View)
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com