Electronic Components Datasheet Search
  English  ▼

X  

LMV772MA Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV772MA
Description  LMV771/LMV772/LMV772Q/LMV774 Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV772MA Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV772MA Datasheet HTML 4Page - Texas Instruments LMV772MA Datasheet HTML 5Page - Texas Instruments LMV772MA Datasheet HTML 6Page - Texas Instruments LMV772MA Datasheet HTML 7Page - Texas Instruments LMV772MA Datasheet HTML 8Page - Texas Instruments LMV772MA Datasheet HTML 9Page - Texas Instruments LMV772MA Datasheet HTML 10Page - Texas Instruments LMV772MA Datasheet HTML 11Page - Texas Instruments LMV772MA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
2.5
3
3.5
4
4.5
5
5.5
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VS (V)
RL = 100k:
TA = 25°C
NEGATIVE SWING
POSITIVE SWING
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
125°C
85°C
25°C
-40°C
2.5
3
3.5
4
4.5
5
5.5
VS (V)
40
50
60
70
80
90
100
110
120
RL = 600:
TA = 25°C
NEGATIVE SWING
POSITIVE SWING
2.5
3
3.5
4
4.5
5
5.5
VS (V)
20
25
30
35
40
RL = 2k:
TA = 25°C
NEGATIVE SWING
POSITIVE SWING
-0.5
0
0.5
1
1.5
2
2.5
VCM (V)
-1
-0.5
0
0.5
1
1.5
2
2.5
VS = 2.7V
-40°C
25°C
85°C
125°C
3
-0.5
0.5 1
2.5 3
5
-1
-0.5
0.5
1
1.5
2
2.5
3
3.5
4
VCM (V)
0
0
1.5 2
3.5 4
4.5
-40°C
85°C
25°C
125°C
VS = 5V
LMV771, LMV772, LMV774
SNOSA04F – MAY 2004 – REVISED SEPTEMBER 2010
www.ti.com
Typical Performance Characteristics
VOS
VOS
vs.
vs.
VCM Over Temperature
VCM Over Temperature
Output Swing
Output Swing
vs.
vs.
VS
VS
Output Swing
IS
vs.
vs.
VS
VS Over Temperature
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV771 LMV772 LMV774



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com