Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3090 Datasheet(PDF) 6 Page - Pixart Imaging Inc.

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3090 Datasheet(HTML) 6 Page - Pixart Imaging Inc.

Back Button ADNS-3090 Datasheet HTML 2Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 3Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 4Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 5Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 6Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 7Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3090 Datasheet HTML 10Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
PCB Assembly Considerations
Figure 5. Exploded view drawing
1. Insert the sensor and all other electrical components
into PCB.
2. Insert the LED into the assembly clip and bend the
leads 90 degrees.
3. Insert the LED/clip assembly into PCB.
4. This sensor package is only qualified for wave-solder
process.
5. Wave Solder the entire assembly in a no-wash solder
process utilizing solder fixture. The solder fixture is
needed to protect the sensor during the solder pro-
cess. It also sets the correct sensor-to -PCB distance as
the lead shoulders do not normally rest on the PCB
surface. The fixture should be designed to expose
the sensor leads to solder while shielding the optical
aperture from direct solder contact.
Figure 6. Block diagram of ADNS-3090 optical mouse sensor
IMAGE
PROCESSOR
REFERENCE
VOLTAGE
FILTER NODE
3.3 V POWER
REFB
REFC
GND
RESONATOR
OSC_IN
OSC_OUT
MOSI
NCS
SCLK
OPTP
VDD3
MISO
LED_CTRL
RESET
NPD
CTRL
OSCILLATOR
6. Place the lens onto the base plate.
7. Remove the protective kapton tape from optical ap-
erture of the sensor. Care must be taken to keep con-
taminants from entering the aperture. During mouse
assembly process, it is recommended that the PCB is
held vertically when kapton tapes are being removed.
8. Insert PCB assembly over the lens onto the base plate
aligning post to retain PCB assembly. The sensor ap-
erture ring should self-align to the lens.
9. The optical position reference for the PCB is set by the
base plate and lens. Note that the PCB motion due to
button presses must be minimized to maintain optical
alignment.
10. Install mouse top case. There MUST be a feature in the
top case to press down
HLMP-EG3E-xxxxx (LED)
ADNS-2220-001 (Clip)
ADNS-3090 (Sensor)
Customer supplied PCB
ADNS-2120-001 (Trim Lens)
Customer supplied base plate
with recommended alignment
features per IGES drawing.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com