Electronic Components Datasheet Search
  English  ▼

X  

ADNS-7550 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
AC Electrical Specifications
Electrical Characteristics over recommended operating conditions. (Typical values at 25 °C, VDD=5.0V, VDDIO= 2.8V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Motion delay
after reset
tMOT-RST
23
ms
From SW_RESET register write to valid motion,
assuming motion is present
Shutdown
tSTDWN
50
ms
From Shutdown mode active to low current
Wake from
shutdown
tWAKEUP
23
ms
From Shutdown mode inactive to valid motion.
Notes: A RESET must be asserted after a shutdown.
Refer to section “Notes on Shutdown also note
tMOT-RST
MISO rise time
tr-MISO
150
300
ns
CL = 100pF
MISO fall time
tf-MISO
150
300
ns
CL = 100pF
MISO delay
after SCLK
tDLY-MISO
120
ns
From SCLK falling edge to MISO data valid, no load
conditions
MISO hold time
thold-MISO
0.5
1/fSCLK
us
Data held until next falling SCLK edge
MOSI hold time
thold-MOSI
200
ns
Amount of time data is valid after SCLK rising edge
MOSI setup time
tsetup-MOSI 120
ns
From data valid to SCLK rising edge
SPI time between
write commands
tSWW
30
μs
From rising SCLK for last bit of the first data byte, to
rising SCLK for last bit of the second data byte.
SPI time between
write and read
commands
tSWR
20
μs
From rising SCLK for last bit of the first data byte, to
rising SCLK for last bit of the second address byte.
SPI time between
read and subsequent
commands
tSRW
tSRR
500
ns
From rising SCLK for last bit of the first data byte, to
falling SCLK for the first bit of the address byte of
the next command.
SPI read address
-data delay
tSRAD
4
μs
From rising SCLK for last bit of the address byte, to
falling SCLK for first bit of data being read.
NCS inactive after
motion burst
tBEXIT
500
ns
Minimum NCS inactive time after motion burst
before next SPI usage
NCS to SCLK active
tNCS-SCLK
120
ns
From NCS falling edge to first SCLK rising edge
SCLK to NCS inactive
(for read operation)
tSCLK-NCS
120
ns
From last SCLK rising edge to NCS rising edge, for
valid MISO data transfer
SCLK to NCS inactive
(for write operation)
tSCLK-NCS
20
us
From last SCLK rising edge to NCS rising edge, for
valid MOSI data transfer
NCS to MISO high-Z
tNCS-MISO
500
ns
From NCS rising edge to MISO high-Z state
MOTION rise time
tr-MOTION
150
300
ns
CL = 100pF
MOTION fall time
tf-MOTION
150
300
ns
CL = 100pF
Transient Supply
Current
IDDT
45
mA
Max supply current during a VDD ramp from 0 to
2.8V
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com