Electronic Components Datasheet Search
  English  ▼

X  

ADNS-7550 Datasheet(PDF) 26 Page - Pixart Imaging Inc.

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-7550 Datasheet(HTML) 26 Page - Pixart Imaging Inc.

Back Button ADNS-7550 Datasheet HTML 22Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 23Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 24Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 25Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 26Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 27Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 28Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 29Page - Pixart Imaging Inc. ADNS-7550 Datasheet HTML 30Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
26
Self_Test
Address: 0x10
Access: Write
Reset Value: NA
Data Type: Bit field
USAGE: Before performing system self test, reset the chip. Then, set the TESTEN bit in register 0x10 to start the system
self test. The test takes 250ms. During this time, do not write or read through the SPI port. Results are available in the
CRC0-3 registers. After self-test, reset the chip again to start normal operation.
Bit
7
6
5
4
3
2
1
0
Field
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TESTEN
Field Name
Description
TESTEN
Enable System Self Test
0 = Disabled
1 = Enable
Reserved
Address: 0x11
Configuration2_bits
Address: 0x12
Access: Read/Write
Reset Value: 0x28
Data Type: Bit field
USAGE: Register 0x12 allows the user to change the configuration of the sensor. The RES bit allows selection between
400, 800, 1200 and 1600 cpi resolution.
Bit
7
6
5
4
3
2
1
0
Field
0
RES1
RES0
Reserved
Reserved
Reserved
Reserved
Reserved
Field Name
Description
RES[1:0]
Sets resolution
00 = 400
01 = 800
10 = 1200
11 = 1600
Reserved
Address: 0x1b
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
PixArt Imaging Inc.
ADNS-7550 Integrated Molded Lead-Frame DIP Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com