Electronic Components Datasheet Search
  English  ▼

X  

PAC7352 Datasheet(PDF) 10 Page - Pixart Imaging Inc.

Part # PAC7352
Description  PAC7352 USB 2.0 VGA Camera SoC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7352 Datasheet(HTML) 10 Page - Pixart Imaging Inc.

Back Button PAC7352 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 12Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PixArt Imaging Inc.
PAC7352
USB 2.0 VGA Camera SoC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
10
PixArt Imaging Inc.
E-mail:
fae_service@PixArt.com.tw
V1.0 Feb. 2012
3.8
Handling precaution for the prevention of ESD
Explained below are procedures that must be taken in fabrication to prevent the
electrostatic destruction of semiconductor devices.
The following basic rules must be obeyed.
1. Equalize potentials of terminals when transporting or storing.
2. Equalize the potentials of the electric device, work table, and operator's body that
may come in contact with the IC's.
3. Prepare an environment that does not generate static electricity.
One method is keeping relative humidity in the work room to about 50%.
Operator
1. The operator should wear wrist straps.
(Must maintain electric contact with bare skin)
2. Wear cotton or antistatic-treated materials clothes and gloves.
3. When a conductive mat will be used, must be ware conductive shoes.
4. Do not touch the IC's leads. Touch the body of IC's when holding.
Equipment and tools
1. Any electrical equipments and tools located on the work table surface must be
isolated from The work table surface, and ground the equipments and tools that are
to be used.
2. Work table surface must be use conductive material or conductive mat.
(Should be ground through a 1MΩ resistor)
Transporting, storing and packing
1. Use conductive IC's tray, and conductive or shielding bag to store IC's.
Soldering operation
1. Use a soldering iron with a grounding wire.
2. When perform manual soldering operation, the operator should wear wrist straps.
3. Do not use the desoldering pump when removing the IC's from the PCB board. Use
a solder-wick or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com