Electronic Components Datasheet Search
  English  ▼

X  

PAC7352 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC7352
Description  PAC7352 USB 2.0 VGA Camera SoC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7352 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC7352 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7352 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PixArt Imaging Inc.
PAC7352
USB 2.0 VGA Camera SoC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
3
PixArt Imaging Inc.
E-mail:
fae_service@PixArt.com.tw
V1.0 Feb. 2012
2. Electrical Characteristics
2.1
Absolute Maximum Ratings
Exceeding the Absolute Maximum Ratings shown below invalidates all AC and DC electrical
specifications and may result in permanent device damage.
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Ambient storage temperature
-25
125
°C
VDD33A
DC supply voltage from USB
-0.3
3.6
V
VDDIO
IO voltage
-0.3
3.6
V
VDD18K
Digital core input voltage
-0.3
1.9
V
ESD
ESD Rating, Human Body
model
-
2
kV
2.2
Operating Condition
Symbol
Parameter
Min
Typ.
Max
Unit
Notes
TA
Operating temperature
0
25
50
°C
VDD33A
DC supply voltage from USB
3.0
3.3
3.6
V
VDDIO
DC supply for GPIO
-
3.3
-
V
2.3
DC Electrical Characteristics (TA = 25°C, VBUS = 3.3V, VDDIO = 3.3V)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Type: Power
IDD
Operating Current
-
65
70
mA VGA 30 fps
IPWDN
Power Down current
-
310
400
uA
Type: IN & I/O, Reset
VIH
Input voltage HIGH
VDDIO x 0.6
-
-
V
VIL
Input voltage LOW
-0.3
-
VDDIO x 0.3
V
Type: OUT & I/O
VOH
Output voltage HIGH
2.4
-
-
V
IOH = 8mA
VOL
Output voltage LOW
-
-
0.4
V
IOL = 8mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com