| Electronic Components Datasheet Search |
|
PAS6371 Datasheet(PDF) 1 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
PAS6371 Datasheet(HTML) 1 Page - Pixart Imaging Inc. |
|
1 / 20 page ![]() PAS6371LT Specification All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. 1 PixArt Imaging Inc. E-mail: fae_service@pixart.com.tw V1.1, 2008/04/09 PAS6371LT CMOS VGA DIGITAL IMAGE SENSOR General Description The PAS6371LT is a highly integrated CMOS active-pixel image sensor that has a VGA YUV output of 640 x 480 pixels. It embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6371LT outputs YUV/YCbCr 4:2:2 or RGB565/555/444 data through a parallel data bus. It is available in 29-pin CSP. Key Specification Resolution 640 (H) x 480 (V) Analog 2.5V ~ 3.0V I/O 1.8V ~ 3.3V Power Core 1.8V Pixel Size 4.5 µmx4.5µm Lens Chief Ray Angle 28degree Frame rate 30fps, VGA YUV mode Max. System clock 48MHz Max. Pixel clock 24MHz, VGA YUV mode Sensitivity 2.1V/(Lux*Sec) Color filter RGB Bayer Pattern Exposure Time ~ Frame time to Line time Scan Mode Progressive S/N Ratio 41dB Dynamic range 60dB Features Resolution: 640 x 480 pixels Bayer-RGB color filter array Output format (8-bit): YUV/YCbCr 4:2:2 (VGA, QVGA … ) RGB565/555/444 (VGA, QVGA … ) On-chip 10-bit pipelined A/D converter On-chip 2-stage background compensation DAC Continuous variable frame time & exposure time I2C TM Interface Flash light timing Support 1.8V~3.3V I/O power 10uA low power-down dissipation (VDD-A = VDD-IO = 2.8V, VDD-C = 1.8V) Automatic Background Compensation AEC & AGC function DSP function: AWB Gamma Color matrix Sharpness De-noise Color saturation Defect compensation Lens shading compensation WOI & Sub-sampling Critical Register table backward compatible with PAS6311 Package 29-pin CSP |
Similar Part No. - PAS6371 |
|
Similar Description - PAS6371 |