Electronic Components Datasheet Search
  English  ▼

X  

ADE08S04 Datasheet(PDF) 17 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button ADE08S04 Datasheet HTML 13Page - Tyco Electronics ADE08S04 Datasheet HTML 14Page - Tyco Electronics ADE08S04 Datasheet HTML 15Page - Tyco Electronics ADE08S04 Datasheet HTML 16Page - Tyco Electronics ADE08S04 Datasheet HTML 17Page - Tyco Electronics ADE08S04 Datasheet HTML 18Page - Tyco Electronics ADE08S04 Datasheet HTML 19Page - Tyco Electronics ADE08S04 Datasheet HTML 20Page - Tyco Electronics ADE08S04 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
16
Switches
Preferred Part Numbers - Tactile Switches
FSM . SM/JM Series, 3,5 x 6
FSM . SM/JM LP Series, 4 x 6
Product key
Act. Force
Height
Mounting
Packaging
Part number
F
FS
SM
M S
SM
M//J
JM
M
FSM2L
1.3 N
5 mm
THT
bulk
1825965-1
FSM1L
4.3 mm
1825966-1
FSM1SM
1.8 N
SMT
1437566-3
FSM1SMTR
tape and reel
1437566-4
FSM1JMTR
4.3 mm
SMT/J
147873-2
FSM2JMTR
5 mm
147873-1
F
FS
SM
M S
SM
M//J
JM
M S
S,, S
Se
ea
alle
ed
d
FSM2S
1.3 N
5 mm
THT
bulk
1571297-1
FSM2SSMTR
SMT
tape and reel
1571298-2
FSM1SJMTR
4.3 mm
SMT/J
1571299-2
FSM2SJMTR
5 mm
1571299-4
Product key
Act. Force
Height
Mounting
Packaging
Part number
FSMJMLPTR
1.6 N
2.5 mm
SMT/J
tape and reel
1571528-1
FSMJMLPATR
2.6 N
1571528-2
FSMSMLPTR
1.6 N
SMT
1825086-1
FSMSMLPATR
2.6 N
1825086-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com