Electronic Components Datasheet Search
  English  ▼

X  

ADE08S04 Datasheet(PDF) 24 Page - Tyco Electronics

Part # ADE08S04
Description  Switches Core Program
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE08S04 Datasheet(HTML) 24 Page - Tyco Electronics

Back Button ADE08S04 Datasheet HTML 20Page - Tyco Electronics ADE08S04 Datasheet HTML 21Page - Tyco Electronics ADE08S04 Datasheet HTML 22Page - Tyco Electronics ADE08S04 Datasheet HTML 23Page - Tyco Electronics ADE08S04 Datasheet HTML 24Page - Tyco Electronics ADE08S04 Datasheet HTML 25Page - Tyco Electronics ADE08S04 Datasheet HTML 26Page - Tyco Electronics ADE08S04 Datasheet HTML 27Page - Tyco Electronics ADE08S04 Datasheet HTML 28Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Catalogue No. 1308111
Issued 03/2008
Dimensions are in mm and are shown
for reference purposes only.
Specifications subject to change.
www.tycoelectronics.com
Switches
23
MT Series
AW Series
F Series
TP Series
Preferred Part Numbers - Toggle Switches, Push Buttons
Product key
Type
Contact material
Position
Part number
M
MT
TA
A
MTA306D04
3PDT, wire lug
Ag gold flash
On-None-On
3-1571920-0
MTA306DPC04
3PDT, THT
3-1571920-1
MTA306E04
3PDT, wire lug
On-Off-On
3-1571920-2
MTA306EPC04
3PDT, THT
3-1571920-3
MTA406N04
4PDT, wire lug
On-None-On
3-1571920-8
MTA406NPC04
4PDT, THT
3-1571920-9
MTA406P04
4PDT, wire lug
On-Off-On
4-1571920-0
MTA406PPC04
4PDT, THT
4-1571920-3
M
MT
TA
A R
Riig
gh
htt A
An
ng
glle
e
MTA8106DVRA04
SPDT, THT
Ag gold flash
On-None-On
1571922-4
MTA8106EVRA04
On-Off-On
1571922-8
M
MT
TE
E ((S
Se
ea
alle
ed
d))
MTE306D04
3PDT, wire lug
Ag gold flash
On-None-On
1-1571924-6
MTE306E04
On-Off-On
1-1571924-7
MTE406N04
4PDT, wire lug
On-None-On
1-1571924-8
MTE406P04
On-Off-On
1-1571924-9
Product key
Type
Contact material
Position
Part number
AWTD1504
1 pole, tab
Ag
On-On
7-6437630-0
AWTN1504
2 pole, tab
7-6437630-2
AWTR1504
On-(On)
5-6437630-0
AWTS1504
(On)-Off-(On)
1-6437630-1
AWTT1504
On-Off-(On)
1-6437630-0
Product key
Type
Contact material
Position
Part number
FTD0904
1 pole, std.
Ag
On-On
2-6437630-0
FTD09G04
Au
3-6437630-4
FTD5904
1 pole, locking
Ag
1-6437630-5
FTD59G04
Au
4-6437630-0
FTD7904
1 pole, Long
Ag
5-6437630-3
FTE0904
1 pole, std.
On-Off-On
6-6437630-2
FTH0904
On-Off-(On)
4-6437630-8
FTN0904
2 pole, std.
On-On
4-6437630-2
FTN5904
2 pole, locking
3-6437630-9
FTN59G04
Au
6-6437630-1
FTP0904
2 pole, std.
Ag
On-Off-On
4-6437630-6
FTPA0904
On-On-On
4-6437630-5
FTS0904
(On)-Off-(On)
4-6437630-3
F4TN0904
4 pole, std.
3-6437630-5
Product key
Type
Contact material
Version
Part number
T
TP
PA
A
TPA11CGPC004
SPST, THT
Au
Rnd. no bushing
1825096-1
TPA11FGPC004
SPDT, THT
1825096-7
T
TP
PA
A,, R
Riig
gh
htt A
An
ng
glle
e
TPA11CGRA004
SPST, THT
Au
Rnd. no bushing
1825096-4
TPA11FGRA004
SPDT, THT
1-1825096-0
T
TP
PB
B
TPB11CGPC004
SPST, THT
Au
Rnd. 0.188”,
1825097-1
TPB11FGPC004
SPDT, THT
unthreaded
1825097-9
TPB21MGPC004
DPST, THT
1-1825097-7
T
TP
PB
B,, R
Riig
gh
htt A
An
ng
glle
e
TPB11CGRA004
SPST, THT
Au
Rnd. 0.188”,
1825097-6
TPB11FGRA004
SPDT, THT
unthreaded
1-1825097-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com