Electronic Components Datasheet Search
  English  ▼

X  

LM50CIM3 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM50CIM3
Description  LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM50CIM3 Datasheet(HTML) 2 Page - Texas Instruments

  LM50CIM3 Datasheet HTML 1Page - Texas Instruments LM50CIM3 Datasheet HTML 2Page - Texas Instruments LM50CIM3 Datasheet HTML 3Page - Texas Instruments LM50CIM3 Datasheet HTML 4Page - Texas Instruments LM50CIM3 Datasheet HTML 5Page - Texas Instruments LM50CIM3 Datasheet HTML 6Page - Texas Instruments LM50CIM3 Datasheet HTML 7Page - Texas Instruments LM50CIM3 Datasheet HTML 8Page - Texas Instruments LM50CIM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LM50, LM50-Q1
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage
+12V to
−0.2V
Output Voltage
(+VS + 0.6V) to −1.0V
Output Current
10 mA
Storage Temperature
−65°C to +150°C
TJMAX, Maximum Junction Temperature
150°C
ESD Susceptibility (2):
Human Body Model
2000V
Machine Model (Does not apply for LM50-Q1)
250V
Charged Device Model
750V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
OPERATING RATINGS
(1)
Specified Temperature Range:
TMIN to TMAX
LM50C/LM50-Q1
−40°C to +125°C
LM50B
−25°C to +100°C
Operating Temperature Range
−40°C to +150°C
θJA
(2)
450°C/W
Supply Voltage Range (+VS)
+4.5V to +10V
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Thermal resistance of the SOT-23 package is specified without a heat sink, junction to ambient.
(3)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for VS = +5 VDC and ILOAD = +0.5 μA, in the circuit of Figure 2. Boldface
limits apply for the specified TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
LM50B
LM50C/LM50-Q1
Units
(Limit)
Typical
Limit (1)
Typical
Limit (1)
Accuracy (2)
TA = +25°C
±2.0
±3.0
°C (max)
TA = TMAX
±3.0
±4.0
°C (max)
TA = TMIN
+3.0,
−3.5
±4.0
°C (max)
Nonlinearity (3)
±0.8
±0.8
°C (max)
Sensor Gain(Average Slope)
+9.7
+9.7
mV/°C (min)
+10.3
+10.3
mV/°C (max)
Output Resistance
2000
4000
2000
4000
Ω (max)
Line Regulation (4)
+4.5V
≤ VS ≤ +10V
±0.8
±0.8
mV/V (max)
±1.2
±1.2
mV/V (max)
(1)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10mv/°C times the device's case temperature plus 500 mV, at specified
conditions of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(4)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM50 LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com