Electronic Components Datasheet Search
  English  ▼

X  

LM50CIM3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM50CIM3
Description  LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM50CIM3 Datasheet(HTML) 3 Page - Texas Instruments

  LM50CIM3 Datasheet HTML 1Page - Texas Instruments LM50CIM3 Datasheet HTML 2Page - Texas Instruments LM50CIM3 Datasheet HTML 3Page - Texas Instruments LM50CIM3 Datasheet HTML 4Page - Texas Instruments LM50CIM3 Datasheet HTML 5Page - Texas Instruments LM50CIM3 Datasheet HTML 6Page - Texas Instruments LM50CIM3 Datasheet HTML 7Page - Texas Instruments LM50CIM3 Datasheet HTML 8Page - Texas Instruments LM50CIM3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM50, LM50-Q1
www.ti.com
SNIS118E – JULY 1999 – REVISED SEPTEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise noted, these specifications apply for VS = +5 VDC and ILOAD = +0.5 μA, in the circuit of Figure 2. Boldface
limits apply for the specified TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Parameter
Conditions
LM50B
LM50C/LM50-Q1
Units
(Limit)
Typical
Limit (1)
Typical
Limit (1)
Quiescent Current (5)
+4.5V
≤ VS ≤ +10V
130
130
μA (max)
180
180
μA (max)
Change of Quiescent Current
+4.5V
≤ VS ≤ +10V
2.0
2.0
μA (max)
Temperature Coefficient of Quiescent
+1.0
+2.0
μA/°C
Current
Long Term Stability (6)
TJ = 125°C, for 1000
±0.08
±0.08
°C
hours
(5)
Quiescent current is defined in the circuit of Figure 2.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur. The majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after
1000 hours will not continue at the first 1000 hour rate.
TYPICAL CHARACTERISTICS
To generate these curves the LM50/LM50-Q1 was mounted to a printed circuit board as shown in Figure 14.
Thermal Resistance
Junction to Air
Thermal Time Constant
Figure 3.
Figure 4.
Thermal Response in Still Air
Thermal Response in Stirred Oil Bath
with Heat Sink (Figure 14)
with Heat Sink
Figure 5.
Figure 6.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM50 LM50-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com