Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IPE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734IPE4
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734IPE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS6734IPE4 Datasheet HTML 7Page - Texas Instruments TPS6734IPE4 Datasheet HTML 8Page - Texas Instruments TPS6734IPE4 Datasheet HTML 9Page - Texas Instruments TPS6734IPE4 Datasheet HTML 10Page - Texas Instruments TPS6734IPE4 Datasheet HTML 11Page - Texas Instruments TPS6734IPE4 Datasheet HTML 12Page - Texas Instruments TPS6734IPE4 Datasheet HTML 13Page - Texas Instruments TPS6734IPE4 Datasheet HTML 14Page - Texas Instruments TPS6734IPE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
efficiency
Typical efficiency for the converter circuit shown in Figure 13 is plotted in Figure 10. The efficiency falls off rapidly
at very light currents because the supply current is a significant percentage of the load.
82
80
76
74
10 20 30 40 50 60 70
84
86
EFFICIENCY
vs
OUTPUT CURRENT
88
80 90 100
140
78
110 120 130
IO – Output Current – mA
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 10
inductor selection
Inductance value is directly proportional to the input voltage and inversely proportional to the output power. The
18
µH shown in the typical circuit is the proper value for operation from 5-V sources up to 2-W loads. A lower
inductance value should be used when operating from 3-V sources. Operation from 7 V and higher sources may
require inductance values greater than 18
µH. The inductor’s saturation current rating should be greater than
three times the dc load current for 5-V inputs and five times the dc load for 3-V inputs.
output filter capacitor selection
The output filter capacitor should be selected for minimum ESR (equivalent series resistance). Capacitor
ESR
× ∆IL (change in inductor current) determines the amplitude of the high-frequency ripple on the output
voltage. The ESR of the capacitor should be less than 0.25
Ω to keep the output ripple less than 50 mV
peak-to-peak over the entire current range (using 18-
µH inductor).
diode
A Schottky diode or a high-speed silicon rectifier should be used. The continuous current rating of the diode
should be at least 300 mA for full load (120 mA) operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com