Electronic Components Datasheet Search
  English  ▼

X  

TPS6734IPE4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734IPE4
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734IPE4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS6734IPE4 Datasheet HTML 10Page - Texas Instruments TPS6734IPE4 Datasheet HTML 11Page - Texas Instruments TPS6734IPE4 Datasheet HTML 12Page - Texas Instruments TPS6734IPE4 Datasheet HTML 13Page - Texas Instruments TPS6734IPE4 Datasheet HTML 14Page - Texas Instruments TPS6734IPE4 Datasheet HTML 15Page - Texas Instruments TPS6734IPE4 Datasheet HTML 16Page - Texas Instruments TPS6734IPE4 Datasheet HTML 17Page - Texas Instruments TPS6734IPE4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
TPS6734 converter design with recommended layout
The following schematic (Figure 13) and a required-components table are provided for a 12-V-output boost
converter. The converter is capable of delivering 120 mA of output current over an input voltage range of 3.75 V
to 12 V. Recommended layout and detailed artwork for a PCB are provided in Figures 14 through 17.
NOTE A: A jumper between pins P1-3 and P1-4 shuts off the TPS7634. Remove the jumper to resume normal operation.
VCC
FB
OUT
GND
EN
REF
SS
COMP
1
2
3
4
8
7
6
5
TPS6734
VI
ENABLE
+
33
µF, 20 V
L1
18
µH
SS12
1
2
3
4
VO
VO
GND
GND
C5
D1
U1
C4 0.001
µF
+
C1
C3
0.047
µF
C2
0.01
µF
R1
10 k
Ω
1
2
3
4
GND
GND
33
µF, 20 V
P1
P2
Figure 13. Schematic for Printed Circuit Board (shown in Figures 14 through 17)
Required Components
QTY.
DESCRIPTION
REF DES
MANUFACTURER’S
PART NO.
MANUFACTURER
1
IC, power supply, 12 V for flash memory
U1
TPS6734ID
Texas Instruments
1
Diode, Schottky
D1
SS12
General Instruments
1
Inductor, 18
µH, 150 mΩ, 1.23 A(DC)
L1
CD54180MC
Sumida
2
Capacitor, 33
µF, 20 V, tantalum
C1,5
TAPSD336M020R0200
AVX
1
Capacitor, 0.01
µF, 50 V, ceramic, 0805
C2
1
Capacitor, 0.047
µF, 50 V, ceramic, 1206
C3
1
Capacitor, 0.001
µF, 50 V, ceramic, 0805
C4
2
Connector, header, 4-pin
P1,2
Molex
1
PCB, TPS6734



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com