Electronic Components Datasheet Search
  English  ▼

X  

TPS62260DRVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS62260DRVT Datasheet HTML 9Page - Texas Instruments TPS62260DRVT Datasheet HTML 10Page - Texas Instruments TPS62260DRVT Datasheet HTML 11Page - Texas Instruments TPS62260DRVT Datasheet HTML 12Page - Texas Instruments TPS62260DRVT Datasheet HTML 13Page - Texas Instruments TPS62260DRVT Datasheet HTML 14Page - Texas Instruments TPS62260DRVT Datasheet HTML 15Page - Texas Instruments TPS62260DRVT Datasheet HTML 16Page - Texas Instruments TPS62260DRVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
V
3.6V;V
1.8V,I
10
MODE=GND
IN
OUT
OUT
mA,
L =4.7
H,C
=10
F0603,
m
m
OUT
V
20mV/Div
OUT
I
200mA/Div
COIL
TimeBase
2
–
s/Div
m
SW2V/Div
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2
2.5
3
3.5
4
4.5
5
5.5
6
T
=85 C
A
o
T
=-40 C
A
o
EN=GND
T
=25 C
A
o
V
− InputVoltage − V
IN
8
10
12
14
16
18
20
22
2.5
3
3.5
4
4.5
5
5.5
6
T
=85 C
A
o
T
=-40 C
A
o
MODE=GND,
EN=VIN,
DeviceNotSwitching
T
=25 C
A
o
MODE=GND
EN=VIN
DeviceNotSwitching
T =85 C
A
°
T =25 C
A
°
T = –40 C
A
°
V
– InputVoltage – V
IN
2
2.5
3
3.5
4
4.5
5
5.5
6
8
10
12
14
16
18
20
V
− InputVoltage − V
IN
0
0.1
0.2
0.3
0.4
0.7
0.8
2
2.5
3
3.5
4
4.5
5
T
=85 C
A
o
T
=-40 C
A
o
HighSideSwitching
T
=25 C
A
o
0.5
0.6
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
SHUTDOWN CURRENT INTO VIN
vs
TYPICAL OPERATION (PFM Mode)
INPUT VOLTAGE
Figure 29.
Figure 30.
QUIESCENT CURRENT
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 31.
Figure 32.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com