Electronic Components Datasheet Search
  English  ▼

X  

TPS62260DRVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DRVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62260DRVT Datasheet HTML 12Page - Texas Instruments TPS62260DRVT Datasheet HTML 13Page - Texas Instruments TPS62260DRVT Datasheet HTML 14Page - Texas Instruments TPS62260DRVT Datasheet HTML 15Page - Texas Instruments TPS62260DRVT Datasheet HTML 16Page - Texas Instruments TPS62260DRVT Datasheet HTML 17Page - Texas Instruments TPS62260DRVT Datasheet HTML 18Page - Texas Instruments TPS62260DRVT Datasheet HTML 19Page - Texas Instruments TPS62260DRVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Outputvoltage
Vout (PWM)
Vout +1%
PFMComparator
threshold
VoltagePositioning
Lightload
PFMMode
moderatetoheavyload
PWMMode
TPS62260, TPS62261
TPS62262, TPS62263
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
Figure 34. Power Save Mode Operation with automatic Mode transition
100% Duty Cycle Low Dropout Operation
The device starts to enter 100% duty cycle mode once the input voltage comes close to the nominal output
voltage. In order to maintain the output voltage, the High Side MOSFET switch is turned on 100% for one or
more cycles.
With further decreasing VIN the High Side MOSFET switch is turned on completely. In this case the converter
offers a low input-to-output voltage difference. This is particularly useful in battery-powered applications to
achieve longest operation time by taking full advantage of the whole battery voltage range.
The minimum input voltage to maintain regulation depends on the load current and output voltage, and can be
calculated as:
VINmin = VOmax + IOmax × (RDS(on)max + RL)
With:
IOmax = maximum output current plus inductor ripple current
RDS(on)max = maximum P-channel switch RDSon.
RL = DC resistance of the inductor
VOmax = nominal output voltage plus maximum output voltage tolerance
Undervoltage Lockout
The undervoltage lockout circuit prevents the device from malfunctioning at low input voltages and from
excessive discharge of the battery and disables the output stage of the converter. The undervoltage lockout
threshold is typically 1.85V with falling VIN.
MODE SELECTION
The MODE pin allows mode selection between forced PWM mode and Power Save Mode.
Connecting this pin to GND enables the Power Save Mode with automatic transition between PWM and PFM
mode. Pulling the MODE pin high forces the converter to operate in fixed frequency PWM mode even at light
load currents. This allows simple filtering of the switching frequency for noise sensitive applications. In this mode,
the efficiency is lower compared to the power save mode during light loads.
The condition of the MODE pin can be changed during operation and allows efficient power management by
adjusting the operation mode of the converter to the specific system requirements.
16
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com