| Electronic Components Datasheet Search |
|
MPC8347ECVRADDB Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRADDB Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc |
|
75 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 Freescale Semiconductor 75 Package and Pin Listings LVDD1 U20, W25 Power for three-speed Ethernet #1 and for Ethernet management interface I/O (2.5 V, 3.3 V) LVDD1— LVDD2 V20, Y23 Power for three-speed Ethernet #2 I/O (2.5 V, 3.3 V) LVDD2— VDD J11, J12, J15, K10, K11, K12, K13, K14, K15, K16, K17, K18, K19, L10, L11, L18, L19, M10, M19, N10, N19, P9, P10, P19, R10, R19, R20, T10, T19, U10, U19, V10, V11, V18, V19, W11, W12, W13, W14, W15, W16, W17, W18 Power for core (1.2 V) VDD — OVDD B27, D3, D11, D19, E15, E23, F5, F8, F11, F14, F17, F20, G24, H23, H24, J6, J14, J17, J18, K4, L9, L20, L23, L25, M6, M9, M20, P5, P20, P23, R6, R9, R24, U23, V4, V6 PCI, 10/100 Ethernet, and other standard (3.3 V) OVDD — MVREF1 AF19 I DDR reference voltage — MVREF2 AE10 I DDR reference voltage — No Connection NC V1, V2, V5 — — — Notes: 1. This pin is an open-drain signal. A weak pull-up resistor (1 k Ω) should be placed on this pin to OV DD. 2. This pin is an open-drain signal. A weak pull-up resistor (2–10 k Ω) should be placed on this pin to OV DD. 3. During reset, this output is actively driven rather than three-stated. 4. These JTAG pins have weak internal pull-up P-FETs that are always enabled. 5. This pin should have a weak pull-up if the chip is in PCI host mode. Follow the PCI specifications. 6. This pin must always be tied to GND. 7. This pin must always be left not connected. 8. Thermal sensitive resistor. 9. It is recommended that MDIC0 be tied to GRD using an 18 Ω resistor and MDIC1 be tied to DDR power using an 18 Ω resistor. 10.TSEC1_TXD[3] is required an external pull-up resistor. For proper functionality of the device, this pin must be pulled up or actively driven high during a hard reset. No external pull-down resistors are allowed to be attached to this net. 11. A weak pull-up resistor (2–10 k Ω) should be placed on this pin to LV DD1. 12. For systems that boot from local bus (GPCM)-controlled NOR flash, a pullup on LGPL4 is required. Table 56. MPC8347EA (PBGA) Pinout Listing (continued) Signal Package Pin Number Pin Type Power Supply Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |