| Electronic Components Datasheet Search |
|
MPC8347ECVRADDB Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8347ECVRADDB Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc |
|
18 / 99 page ![]() MPC8347EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 12 18 Freescale Semiconductor DDR and DDR2 SDRAM Table 15 provides the DDR capacitance when GVDD(typ) = 2.5 V. Table 16 provides the current draw characteristics for MVREF. 6.2 DDR and DDR2 SDRAM AC Electrical Characteristics This section provides the AC electrical characteristics for the DDR and DDR2 SDRAM interface. 6.2.1 DDR and DDR2 SDRAM Input AC Timing Specifications Table 17 provides the input AC timing specifications for the DDR2 SDRAM when GVDD(typ) = 1.8 V. Table 18 provides the input AC timing specifications for the DDR SDRAM when GVDD(typ) = 2.5 V. Table 15. DDR SDRAM Capacitance for GVDD(typ) = 2.5 V Parameter/Condition Symbol Min Max Unit Notes Input/output capacitance: DQ, DQS CIO 68 pF 1 Delta input/output capacitance: DQ, DQS CDIO —0.5 pF 1 Note: 1. This parameter is sampled. GVDD = 2.5 V ± 0.125 V, f = 1 MHz, TA = 25°C, VOUT = GVDD/2, VOUT (peak-to-peak) = 0.2 V. Table 16. Current Draw Characteristics for MVREF Parameter/Condition Symbol Min Max Unit Note Current draw for MVREF IMVREF —500 μA1 Note: 1. The voltage regulator for MVREF must supply up to 500 μA current. Table 17. DDR2 SDRAM Input AC Timing Specifications for 1.8-V Interface At recommended operating conditions with GVDD of 1.8 ± 5%. Parameter Symbol Min Max Unit Notes AC input low voltage VIL —MVREF – 0.25 V — AC input high voltage VIH MVREF + 0.25 — V — Table 18. DDR SDRAM Input AC Timing Specifications for 2.5-V Interface At recommended operating conditions with GVDD of 2.5 ± 5%. Parameter Symbol Min Max Unit Notes AC input low voltage VIL —MVREF – 0.31 V — AC input high voltage VIH MVREF + 0.31 — V — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |