Electronic Components Datasheet Search
  English  ▼

X  

AD810AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD810AR
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810AR Datasheet(HTML) 1 Page - Analog Devices

  AD810AR Datasheet HTML 1Page - Analog Devices AD810AR Datasheet HTML 2Page - Analog Devices AD810AR Datasheet HTML 3Page - Analog Devices AD810AR Datasheet HTML 4Page - Analog Devices AD810AR Datasheet HTML 5Page - Analog Devices AD810AR Datasheet HTML 6Page - Analog Devices AD810AR Datasheet HTML 7Page - Analog Devices AD810AR Datasheet HTML 8Page - Analog Devices AD810AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CONNECTION DIAGRAM
8-Pin Plastic Mini-DIP (N), SOIC (R)
and Cerdip (Q) Packages
OFFSET
NULL
1
2
3
4
8
7
6
5
TOP VIEW
AD810
DISABLE
+V
S
OUTPUT
OFFSET
NULL
–IN
+IN
–V
S
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Low Power
Video Op Amp with Disable
AD810
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
High Speed
80 MHz Bandwidth (3 dB, G = +1)
75 MHz Bandwidth (3 dB, G = +2)
1000 V/ s Slew Rate
50 ns Settling Time to 0.1% (VO = 10 V Step)
Ideal for Video Applications
30 MHz Bandwidth (0.1 dB, G = +2)
0.02% Differential Gain
0.04 Differential Phase
Low Noise
2.9 nV/
√Hz Input Voltage Noise
13 pA/
√Hz Inverting Input Current Noise
Low Power
8.0 mA Supply Current max
2.1 mA Supply Current (Power-Down Mode)
High Performance Disable Function
Turn-Off Time 100 ns
Break Before Make Guaranteed
Input to Output Isolation of 64 dB (OFF State)
Flexible Operation
Specified for
5 V and
15 V Operation
2.9 V Output Swing Into a 150
Load (VS =
5 V)
APPLICATIONS
Professional Video Cameras
Multimedia Systems
NTSC, PAL & SECAM Compatible Systems
Video Line Driver
ADC/DAC Buffer
DC Restoration Circuits
PRODUCT DESCRIPTION
The AD810 is a composite and HDTV compatible, current
feedback, video operational amplifier, ideal for use in systems
such as multimedia, digital tape recorders and video cameras.
The 0.1 dB flatness specification at bandwidth of 30 MHz
(G = +2) and the differential gain and phase of 0.02% and
0.04
° (NTSC) make the AD810 ideal for any broadcast quality
video system. All these specifications are under load conditions
of 150
Ω (one 75 Ω back terminated cable).
The AD810 is ideal for power sensitive applications such as
video cameras, offering a low power supply current of 8.0 mA
max. The disable feature reduces the power supply current to
only 2.1 mA, while the amplifier is not in use, to conserve
power. Furthermore the AD810 is specified over a power supply
range of
±5 V to ±15 V.
The AD810 works well as an ADC or DAC buffer in video
systems due to its unity gain bandwidth of 80 MHz. Because the
AD810 is a transimpedance amplifier, this bandwidth can be
maintained over a wide range of gains while featuring a low
noise of 2.9 nV/
√Hz for wide dynamic range applications.
0.10
0
15
0.03
0.01
6
0.02
5
0.06
0.04
0.05
0.07
0.08
0.09
14
13
12
11
10
9
8
7
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
GAIN
PHASE
GAIN = +2
RF = 715Ω
RL = 150Ω
fC = 3.58MHz
100 IRE
MODULATED RAMP
SUPPLY VOLTAGE – ± Volts
Differential Gain and Phase vs. Supply Voltage
GAIN = +2
RL = 150Ω
±2.5V
±5V
±2.5V
PHASE
GAIN
0
–5
10
100
–1
–2
–3
–4
1
1
1000
0
–45
–90
–135
–180
–225
–270
FREQUENCY – MHz
±5V
VS = ±15V
VS = ±15V
Closed-Loop Gain and Phase vs. Frequency, G = +2,
RL = 150, RF = 715 Ω


Similar Part No. - AD810AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810AR AD-AD810AR Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
AD810AR AD-AD810AR Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810AR AD-AD810AR Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810AR AD-AD810AR Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
More results

Similar Description - AD810AR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
10/06-Rev. A to Rev. B
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
Low Cost, Low Power, 110MHz Op Amp with Disable
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com