Electronic Components Datasheet Search
  English  ▼

X  

AD810AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD810AR
Description  Low Power Video Op Amp with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD810AR Datasheet(HTML) 3 Page - Analog Devices

  AD810AR Datasheet HTML 1Page - Analog Devices AD810AR Datasheet HTML 2Page - Analog Devices AD810AR Datasheet HTML 3Page - Analog Devices AD810AR Datasheet HTML 4Page - Analog Devices AD810AR Datasheet HTML 5Page - Analog Devices AD810AR Datasheet HTML 6Page - Analog Devices AD810AR Datasheet HTML 7Page - Analog Devices AD810AR Datasheet HTML 8Page - Analog Devices AD810AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2 . . . . . . . Observe Derating Curves
Output Short Circuit Duration . . . . Observe Derating Curves
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±6 V
Storage Temperature Range
Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Cerdip . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Small Outline IC . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Operating Temperature Range
AD810A . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
AD810S . . . . . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum raring conditions for extended periods may affect device reliability.
28-Pin Plastic Package:
θ
JA = 90°C/Watt; 8-Pin Cerdip Package: θJA = 110°C/Watt;
8-Pin SOIC Package:
θ
JA = 150°C/Watt.
ESD SUSCEPTIBILITY
ESD (electrostatic discharge) sensitive device. Electrostatic
charges as high as 4000 volts, which readily accumulate on the
human body and on test equipment, can discharge without
detection. Although the AD810 features ESD protection
circuitry, permanent damage may still occur on these devices if
they are subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid
any performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD810AN
–40
°C to +85°C 8-Pin Plastic DIP
N-8
AD810AR
–40
°C to +85°C 8-Pin Plastic SOIC R-8
AD810AR-REEL
–40
°C to +85°C 8-Pin Plastic SOIC R-8
5962-9313201MPA –55
°C to +125°C 8-Pin Cerdip
Q-8
AD810A
AD810S
1
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Units
Turn On Time
5
ZOUT = Low, See Figure 54
170
170
ns
Turn Off Time
ZOUT = High
100
100
ns
Disable Pin Current
Disable Pin = 0 V
±5 V
5075
5075
µA
±15 V
290
400
290
400
µA
Min Disable Pin Current to
Disable
TMIN–TMAX
±5 V, ±15 V
30
30
µA
POWER SUPPLY
Operating Range
+25
°C to T
MAX
±2.5
±18
±2.5
±18
V
TMIN
±3.0
±18
±3.5
±18
V
Quiescent Current
±5 V
6.7
7.5
6.7
7.5
mA
±15 V
6.8
8.0
6.8
8.0
mA
TMIN–TMAX
±5 V, ±15 V
8.3
10.0
9
11.0
mA
Power-Down Current
±5 V
1.8
2.3
1.8
2.3
mA
±15 V
2.1
2.8
2.1
2.8
mA
NOTES
1See Analog Devices Military Data Sheet for 883B Specifications.
2Slew rate measurement is based on 10% to 90% rise time with the amplifier configured for a gain of –10.
3Voltage Swing is defined as useful operating range, not the saturation range.
4Disable guaranteed break before make.
5Turn On Time is defined with
±5 V supplies using complementary output CMOS to drive the disable pin.
Specifications subject to change without notice.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD810 is limited by the associated rise in junction temperature.
For the plastic packages, the maximum safe junction tempera-
ture is 145
°C. For the cerdip package, the maximum junction
temperature is 175
°C. If these maximums are exceeded momen-
tarily, proper circuit operation will be restored as soon as the die
temperature is reduced. Leaving the device in the “overheated”
condition for an extended period can result in device burnout.
To ensure proper operation, it is important to observe the
derating curves.
2.4
0.4
140
1.0
0.6
–40
0.8
–60
1.6
1.2
1.4
1.8
2.0
2.2
120
100
80
60
40
20
0
–20
8-PIN
MINI-DIP
AMBIENT TEMPERATURE –
°C
8-PIN
SOIC
8-PIN
CERDIP
8-PIN
MINI-DIP
Maximum Power Dissipation vs. Temperature
While the AD810 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction
temperature is not exceeded under all conditions.
1
5
2
3
0.1µF
+VS
6
AD810
0.1µF
–VS
10k
Ω
SEE TEXT
7
4
Offset Null Configuration
AD810
REV. A
–3–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com