Electronic Components Datasheet Search
  English  ▼

X  

TPS70248PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70248PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70248PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TPS70248PWPR Datasheet HTML 1Page - Texas Instruments TPS70248PWPR Datasheet HTML 2Page - Texas Instruments TPS70248PWPR Datasheet HTML 3Page - Texas Instruments TPS70248PWPR Datasheet HTML 4Page - Texas Instruments TPS70248PWPR Datasheet HTML 5Page - Texas Instruments TPS70248PWPR Datasheet HTML 6Page - Texas Instruments TPS70248PWPR Datasheet HTML 7Page - Texas Instruments TPS70248PWPR Datasheet HTML 8Page - Texas Instruments TPS70248PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
www.ti.com
The TPS702xx family of voltage regulators offers very low dropout voltage and dual outputs. These devices have
extremely low noise output performance without using any added filter bypass capacitors and are designed to
have a fast transient response and be stable with 10
μF low ESR capacitors.
These devices have fixed 3.3V/2.5V, 3.3V/1.8V, 3.3V/1.5V, 3.3V/1.2V, and adjustable voltage options. Regulator
1 can support up to 500mA, and regulator 2 can support up to 250mA. Separate voltage inputs allow the
designer to configure the source power.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 170mV on
regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element is a
voltage-driven device, the quiescent current is very low and independent of output loading (maximum of 230
μA
over the full range of output current and full range of temperature). This LDO family also features a sleep mode;
applying a high signal to EN1 or EN2 (enable) shuts down regulator 1 or regulator 2, respectively. When a high
signal is applied to both EN1 and EN2, both regulators enter sleep mode, thereby reducing the input current to
2
μA at TJ = +25°C.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off (disabled).
The PG1 pin reports the voltage condition at VOUT1. The PG1 pin can be used to implement a SVS (RESET,
POR, or power on reset) for the circuitry supplied by regulator 1. The PG2 pin reports the voltage conditions at
VOUT2. The PG2 pin can be used to implement a SVS (power on reset) for the circuitry supplied by regulator 2.
The TPS702xx features a RESET (SVS, POR, or power on reset). RESET output initiates a reset in the event of
an undervoltage condition. RESET also indicates the status of the manual reset pin (MR). When MR is in the
logic high state, RESET goes to a high impedance state after a 120ms delay. To monitor VOUT1, the PG1 output
pin can be connected to MR. To monitor VOUT2, the PG2 output pin can be connected to MR.
The device has an undervoltage lockout UVLO circuit that prevents the internal regulators from turning on until
VIN1 reaches 2.5V.
2
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com