Electronic Components Datasheet Search
  English  ▼

X  

TPS70248PWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70248PWPR
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70248PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS70248PWPR Datasheet HTML 17Page - Texas Instruments TPS70248PWPR Datasheet HTML 18Page - Texas Instruments TPS70248PWPR Datasheet HTML 19Page - Texas Instruments TPS70248PWPR Datasheet HTML 20Page - Texas Instruments TPS70248PWPR Datasheet HTML 21Page - Texas Instruments TPS70248PWPR Datasheet HTML 22Page - Texas Instruments TPS70248PWPR Datasheet HTML 23Page - Texas Instruments TPS70248PWPR Datasheet HTML 24Page - Texas Instruments TPS70248PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
0
50
100
150
200
250
REGIONOFINSTABILITY
0.1
10
1
250mW
VO =3.3V
CO =6.8 mF
TJ =25°C
REGIONOFINSTABILITY
I
OutputCurrent
O -
-
mA
0.1
0.01
0
50
100
150
200
250
10
1
VO =3.3V
CO =10 mF
TJ =25°C
REGIONOFINSTABILITY
REGIONOFINSTABILITY
50mW
I
OutputCurrent
O -
-
mA
0.1
0.01
0
25
50
75
100
125
10
1
REGIONOFINSTABILITY
50mW
REGIONOFINSTABILITY
VO =1.8V
CO =10 mF
TJ =25°C
I
OutputCurrent
O -
-
mA
0
25
50
75
100
125
REGIONOFINSTABILITY
0.1
1
VO =1.8V
CO =6.8 mF
TJ =25°C
10
REGIONOFINSTABILITY
250mW
I
OutputCurrent
O -
-
mA
TPS70245, TPS70248
TPS70251, TPS70258
TPS70202
www.ti.com
SLVS286E – JUNE 2000 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS (continued)
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 30.
Figure 31.
TYPICAL REGION OF STABILITY
TYPICAL REGION OF STABILITY
EQUIVALENT SERIES RESISTANCE(1)
EQUIVALENT SERIES RESISTANCE(1)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 32.
Figure 33.
(1) Equivalent series resistance (ESR) refers to the total series resistance, including the ESR of the capacitor, any
series resistance added externally, and PWB trace resistance to CO.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com