Electronic Components Datasheet Search
  English  ▼

X  

RN131C Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # RN131C
Description  RN-131G & RN-131C 802.11 b/g Wireless LAN Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN131C Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button RN131C Datasheet HTML 9Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 10Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 11Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 12Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 13Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 14Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 15Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 16Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
 
www.rovingnetworks.com
Version 3.2r 4/9/2012
13
RN -13 1-DS
Reset (Pin 5)
The RESET signal is used to reset the module and is active low. This pin has a built-in 100-kΩ pull up resistor. You do not
need to connect this; it can be left unconnected. To reset the module, apply a 3.3-V pulse for a minimum of 160 us.
Force Awake (Pin 9)
This signal forces the module to wake up from sleep. FORCE_AWAKE is an active-high signal. To wake the module, apply a
3.3-V pulse for a minimum of 250 us.
Achieving Lowest Power in Sleep Mode
To achieve the lowest power consumption (4 uA) in sleep mode, connect a weak pull-down (100 KΩ resistor to GND) on
pin 22 (DMA-TX).
If GPIO8 through GPIO4 are being used to drive an output, connect a 100-kΩ pull-down resistor. Any unused (no connect)
GPIO pins can be left floating.
•
Pin 25: GPIO8
•
Pin 26: GPIO7
•
Pin 27: GPIO6
•
Pin 28: GPIO5
•
Pin 29: GPIO4
For other GPIO lines, you do not need to use a pull down. The module already has an on-chip internal pull down (80 kΩ);
The power consumption in sleep mode without these signals connected to a pull down is 655 uA.
Sensor Interfaces
Inputs must not exceed 1.2 V. The sensitivity saturates at 400 mV.
Ad Hoc Mode & Restoring Factory Settings
Ad hoc mode is controlled with GPIO9 (pin 24). Roving Networks recommends that you connect pin 24 to a switch or
jumper connected to a pull up. When GPIO9 is driven high at power up, the module enters ad hoc mode. If GPIO9 is then
toggled low 5 times, the module will be restored to it’s initial factory default configuration. This feature is useful for cases
where the module is misconfigured and is no long responding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com