Electronic Components Datasheet Search
  English  ▼

X  

RN131C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN131C
Description  RN-131G & RN-131C 802.11 b/g Wireless LAN Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN131C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN131C Datasheet HTML 1Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 2Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 3Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 4Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 5Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 6Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 7Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 8Page - List of Unclassifed Manufacturers RN131C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
 
www.rovingnetworks.com
Version 3.2r 4/9/2012
2
RN -13 1-DS
OVERVIEW
•
Host data rate up to 1 Mbps for the UART
•
Intelligent, built-in power management with programmable wakeup
•
Real-time clock for time stamping, auto-sleep, and auto-wakeup
•
Configuration over UART using simple ASCII commands
•
Remote configuration over WiFi using Telnet
•
Supports over the air firmware upgrade (FTP)
•
Supports WPS pushbutton mode for easy association with access points
•
Secure WiFi authentication using WEP-128, WPA-PSK (TKIP), or WPA2-PSK (AES)
•
Built-in networking applications—DHCP, UDP, DNS, ARP, ICMP, TCP, HTTP client, and FTP client
•
802.11 power saving and roaming functions
The modules size and weight are:
•
Size—1.49” x 0.78” x 0.15” (37mm x 20 mm x 3.5 mm)
•
Weight—0.140 oz
Tables 1 through 4 provide detailed specifications for the module.
Table 1. Environmental Conditions
Parameter
RN-131G
RN-131C
Temperature Range (Operating)
-30
oC to +85 oC
0
oC to +70 oC
Temperature Range (Storage)
-40
oC to +85 oC
-40
oC o +85 oC
Relative Humidity (Operating)
≤ 90%
≤ 90%
Relative Humidity (Storage)
≤ 90%
≤ 90%
 
Table 2. Electrical Characteristics
Supply Voltage
Min
Typ.
Max.
Unit
Supply voltage VDD
3.0
3.3
3.7
VDC
Supply voltage (VBATT option)
2.0
3.0
3.3
VDC
Pin 21 switched 3.3 V output
150
mA
Digital input
Input logic high VIH
2.3 V
VDC
Input logic low VIL
1.0 V
VDC
Digital output drive
GPIO 4, 5, 6, 7, 8
24
mA
GPIO 9, 10, 11, 12, 13
8
mA
Power consumption
Sleep
4
uA
Standby (doze)
-
15
-
mA
Connected (idle, RX)
40
mA
Connected (TX)
140
212
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com