Electronic Components Datasheet Search
  English  ▼

X  

ISD1900 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ISD1900
Description  SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD1900 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ISD1900 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
ISD1900
Publication Release Date: Jan 5, 2009
Revision 0.51
13
o
Then an EOM marker is written at the end of message. And LED
¯¯¯¯ is off.
o
Then the device will automatically power down.
• This pin has an internal pull-up device.
• Once REC
¯¯¯¯ is active, input on FT
¯¯, Addr/ Drct
¯¯¯¯, S0, S1, S2, S3, E0, E1, E2 or E3 is illegal.
REC
Mic+/-
or AnaIn
End Address
LED
<S3:S0>
<E3:E0>
TDeb
TASet
TStop1
TAHold
TErs
Addr/Drct
Figure 6-1 Record–Level (REC
¯¯¯¯) function till end address
REC
Mic+/-
or AnaIn
End Address
LED
<S3:S0>
<E3:E0>
TDeb
TASet
TStop1
Stop
Start
Start
TSettle1
TAHold
TAHold
TASet
TDeb
TDeb
TErs
TErs
Addr/Drct
Figure 6-2 Record–Level (REC
¯¯¯¯) function with start and stop actions
REC
Mic+/-
or AnaIn
End Address
LED
<S3:S0>
<E3:E0>
TDeb
TASet
TStop1
Stop
Start
Start
TSettle1
TAHold
TDeb
TAHold
TASet
TDeb
TErs
TErs
Addr/Drct
Figure 6-3 Record–Edge (REC
¯¯¯¯) function with on-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com