Electronic Components Datasheet Search
  English  ▼

X  

ISD1900 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ISD1900
Description  SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD1900 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ISD1900 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1900 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
ISD1900
Publication Release Date: Jan 5, 2009
Revision 0.51
8
5.
4
PIN DESCRIPTION
PIN NAME
PIN #
I / O
FUNCTION
VSSD
1
I
Digital Ground: Ground path for digital circuits.
S0
[1] : In Address Mode, Start Address Bit 0.
S0/M1
¯¯
2
I
M1
¯¯ : When Direct Mode is active, low active operation on 1
st Message.
Internal pull-up & debounce existed.
S1
[1] : In Address Mode, Start Address Bit 1.
S1/M2
¯¯
3
I
M2
¯¯ : When Direct Mode is active, low active operation on 2
nd Message.
Internal pull-up & debounce existed.
S2
[1] : In Address Mode, Start Address Bit 2.
S2/M3
¯¯
4
I
M3
¯¯ : When Direct Mode is active, low active operation on 3
rd Message.
Internal pull-up & debounce existed.
S3
[1] : In Address Mode, Start Address Bit 3.
S3/M4
¯¯
5
I
M4
¯¯ : When Direct Mode is active, low active operation on 4
th Message.
Internal pull-up & debounce existed.
PlayL
¯¯¯¯¯: In Address Mode, low active input, Level-hold playback start to end
addresses, debounce & internal pull-up existed. Holding PlayL
¯¯¯¯¯ Low
constantly will perform looping playback function from start to end
addresses with insignificant dead time between messages regardless of
sampling frequencies.
PlayL
¯¯¯¯¯/FMC1
6
I
FMC1: When Direct Mode is active, FMC1, together with FMC2 & FMC3,
setup various fixed-message configurations.
E0
[1] : In Address Mode, End Address Bit 0.
E0/M5
¯¯
7
I
M5
¯¯ : When Direct Mode is active, low active operation on 5
th Message.
Internal pull-up & debounce existed.
VSSA
8
I
Analog Ground: Ground path for analog circuits.
E1
[1] : In Address Mode, End Address Bit 1.
E1/M6
¯¯
9
I
M6
¯¯ : When Direct Mode is active, low active operation on 6
th Message.
Internal pull-up & debounce existed.
E2
[1] : In Address Mode, End Address Bit 2.
E2/M7
¯¯
10
I
M7
¯¯ : When Direct Mode is active, low active operation on 7
th Message.
Internal pull-up & debounce existed.
E3
[1] : In Address Mode, End Address Bit 3.
E3/M8
¯¯
11
I
M8
¯¯ : When Direct Mode is active, low active operation on 8
th Message.
Internal pull-up & debounce existed.
VSSP2
12
I
Ground: Ground for negative PWM speaker driver.
SP-
13
O
SP-: Negative signal of the differential Class-D PWM speaker outputs. This
output, together with the SP+, is used to drive an 8Ω speaker directly.
VCCP
14
I
Speaker Power Supply: Power supply for PWM speaker drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com