Electronic Components Datasheet Search
  English  ▼

X  

ADS1232REF Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS1232REF
Description  USER GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232REF Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1232REF Datasheet HTML 20Page - Texas Instruments ADS1232REF Datasheet HTML 21Page - Texas Instruments ADS1232REF Datasheet HTML 22Page - Texas Instruments ADS1232REF Datasheet HTML 23Page - Texas Instruments ADS1232REF Datasheet HTML 24Page - Texas Instruments ADS1232REF Datasheet HTML 25Page - Texas Instruments ADS1232REF Datasheet HTML 26Page - Texas Instruments ADS1232REF Datasheet HTML 27Page - Texas Instruments ADS1232REF Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Bill of Materials
www.ti.com
Table 9. ADS1232REF Bill of Materials (continued)
REFERENCE DESIGNATOR
DESCRIPTION
MANUFACTURER
MFG. PART NUMBER
U1
Linear Voltage Regulator, +5V
Texas Instruments
TPS76350DBVG4
U4
USB to Serial Converter
Texas Instruments
TUSB3410VFG4
U7
Analog Switch, SPST
Texas Instruments
TS5A3166DCKR
U8, U9
Digital Isolator
Texas Instruments
ISO721DG4
U10, U11
Inverter, Single Gate
Texas Instruments
SN74LVC1G04DBVRG4
BT1 (+)
9V Battery Clip Female
Keystone Electronics
594
BT1 (
–)
9V Battery Clip Male
Keystone Electronics
593
J1
USB Type B Socket
Mill-Max
897-43-004-90- 000000
J2
2.5mm Power Jack
CUI
PJ-102BH
J6
1 X 6 Header
Samtec
TSW-106-07-G-S
J7, J8
1 X 2 Header
Samtec
TSW-102-07-G-S
J4, J5
3.5mm PCB Terminal Block,
On Shore Technology
ED555/4DS
4-position
N/A
ADS1232 REF PCB
Texas Instruments
6474748
D1
30V, 200mA Schottky Diode
Fairchild Semiconductor
BAT54
D2
Green LED, SMD
Lumex
SSL-LX3052GD
L1
Ferrite Bead Core, 4A 100MHz
Panasonic
EXC-ML20A390U
LCD1
8-Character LCD Display, TN
Varitronix
VIM878-DP-RC-S-LV
Type
SW1
–SW6
Push-button Switch
ITT
KSAIM211LFT
SW7
DPDT Slide Switch, Top Actuator
NKK
SS22SDP2
SW8
SPDT Slide Switch, Top Actuator
NKK
SS12SDP2
SW9
4PDT Slide Switch, RA Actuator
E-Switch
EG4208
TP15
Testpoint
Keystone Electronics
5011
X1
12MHz Quartz Crystal
Citizen
CS10-12.000MABJUT
X2
32.678kHz Quartz Crystal
Epson
C-002RX 32.7680KE: PBFREE
24
Schematic and Layout
SBAU120B
– November 2005 – Revised July 2011
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com