Electronic Components Datasheet Search
  English  ▼

X  

ADS1232REF Datasheet(PDF) 14 Page - Texas Instruments

Part # ADS1232REF
Description  USER GUIDE
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1232REF Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1232REF Datasheet HTML 10Page - Texas Instruments ADS1232REF Datasheet HTML 11Page - Texas Instruments ADS1232REF Datasheet HTML 12Page - Texas Instruments ADS1232REF Datasheet HTML 13Page - Texas Instruments ADS1232REF Datasheet HTML 14Page - Texas Instruments ADS1232REF Datasheet HTML 15Page - Texas Instruments ADS1232REF Datasheet HTML 16Page - Texas Instruments ADS1232REF Datasheet HTML 17Page - Texas Instruments ADS1232REF Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Using the PC Software
www.ti.com
4
Using the PC Software
The ADS1232REF is supplied with software that performs various analyses on data received from the
board via the USB connection. It also provides a means of recording received data to a file. The software
is designed to be used with the ADS1232REF operating in Analysis mode. Not all commands will work
with the ADS1232REF operating in Scale mode; the results will be unpredictable.
The program currently runs only on a Microsoft Windows® platform. In Windows, the program
communicates with the ADS1232REF using a virtual COM port driver that causes the USB connection to
appear to Windows as a normal serial port. The necessary driver is installed with the EVM software.
4.1
Installation and Setup
The ADS1232REF software is distributed in an installer program called
ADS123x-setup-withLVRT-1.1.1.exe
(the version number in the file name may differ), distributed on the
CD-ROM or available from Texas Instruments. To install the software, execute this program. The program
guides you through the installation process.
Note the following points:
•
The installer installs two packages: the ADS123xREF program itself, and the TI Virtual COM Port
driver.
•
If any version of the ADS123xREF program is already installed, the installer uninstalls it and quits. You
must run the installer again to complete the installation.
•
If the Virtual COM Port driver is already installed, the installer offers to uninstall it. Do not uninstall it;
cancel this part of the installation.
The installer displays messages reminding you of these points.
4.1.1
First Time Connection of the ADS123xREF
If the ADS1232REF has never been connected to your computer before, Windows detects the device as
unknown hardware and takes you through a series of dialogs to install the correct driver. Accept the
default settings; the driver is present and only needs to be copied to the correct location. If the driver is
successfully installed, Windows does not issue this prompt again.
On some computers, if the board is connected to a different USB port, the operating system detects the
board as new hardware. If this action occurs, proceed through the new hardware dialogs as usual, and
allow Windows to reinstall the driver.
4.2
The Display
The ADS1232REF software has a single display; see Figure 6 for a typical display example. The major
elements of the display are discussed next.
Strip chart: This feature displays a scrolling graph of data received from the board.
Histogram: A sliding histogram of data received from the board is also displayed. The number of points
used in the analysis is adjustable.
14
ADS1232REF User
's Guide
SBAU120B
– November 2005 – Revised July 2011
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com