Electronic Components Datasheet Search
  English  ▼

X  

ATC600L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ATC600L
Description  Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATC600L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ATC600L Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC600L Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
*Non-standard values and custom tolerances are available upon request.
For additional information and catalogs contact your ATC representative
or call direct at (+1-631) 622-4700.
Consult factory for 500 piece reels for prototyping.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the
“ATC” prefix. Both methods of defining the part number are equivalent,
i.e., part numbers referenced with the “ATC” prefix are interchangeable to
parts referenced without the “ATC” prefix. Customers are free to use either
in specifying or procuring parts from American Technical Ceramics.
ATC 600L Series Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
Capacitance Values*
Packaging
T - Tape and Reel (Standard)
*
TOLERANCE CODE TABLE
Code
B
C
D
F
G
J
K
M
Tol.
±0.1 pF ±0.25 pF ±0.5 pF ±1%
±2% ±5% ±10% ±20%
A
±0.05pF
ATC Part Number Code
600
L 10 0
J
T
200 T
ATC Series
Case Size (0402)
Capacitance Code:
First 2 significant digits for capacitance. R=Decimal Point
Indicates number of zeros following digits
of capacitance in picofarads except for decimal values.
Capacitance Tolerance
*10,000 pieces on 7'' reel, 4000 pieces on 7'' reel and 500 pieces on prototype reel. Consult ATC for other options.
The above part number refers to a 600L Series (case size L) 10 pF capacitor, J tolerance (±5%), 200 WVDC, with T termination (Tin Plated over Nickel
Barrier, RoHS Compliant), Tape and Reel packaging.
2
Value (pF)
Cap Code
Tolerances
0.1
0R1
A, B
0.2
0R2
A, B
0.3
0R3
A, B, C
0.4
0R4
A, B, C
0.5
0R5
A, B, C
0.6
0R6
A, B, C
0.7
0R7
A, B, C
0.8
0R8
A, B, C
0.9
0R9
A, B, C
1.0
1R0
A, B, C, D
1.1
1R1
A, B, C, D
1.2
1R2
A, B, C, D
1.3
1R3
A, B, C, D
1.5
1R5
A, B, C, D
Value (pF)
Cap Code
Tolerances
6.2
6R2
A, B, C, D
6.8
6R8
B, C, J, K
7.5
7R5
B, C, J, K
8.2
8R2
B, C, J, K
9.1
9R1
B, C, J, K
10
100
F, G, J, K, M
11
110
F, G, J, K, M
12
120
F, G, J, K, M
15
150
F, G, J, K, M
18
180
F, G, J, K, M
20
200
F, G, J, K, M
22
220
F, G, J, K, M
24
240
F, G, J, K, M
27
270
F, G, J, K, M
Value (pF)
Cap Code
Tolerances
1.6
1R6
A, B, C, D
1.8
1R8
A, B, C, D
2.0
2R0
A, B, C, D
2.2
2R2
A, B, C, D
2.4
2R4
A, B, C, D
2.7
2R7
A, B, C, D
3.0
3R0
A, B, C, D
3.3
3R3
A, B, C, D
3.6
3R6
A, B, C, D
3.9
3R9
A, B, C, D
4.3
4R3
A, B, C, D
4.7
4R7
A, B, C, D
5.1
5R1
A, B, C, D
5.6
5R6
A, B, C, D
WVDC
Termination Code
T
= Tin Plated over Nickel Barrier (Stan-
dard) RoHS Compliant
TN = Tin Plated over Non-Magnetic Barrier
W = Tin/Lead Solder Plated over Nickel
Barrier
AMERICAN
TECHNICAL
CERAMICS
www .atceramics.com
ATC North America
sales@atceramics.com
ATC Asia
sales@atceramics-asia.com
ATC Europe
saleseur@atceramics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com